Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL7407LPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPL7407LPWR
Description  TPL7407L 40-V 7-Channel Low Side Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL7407LPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPL7407LPWR Datasheet HTML 9Page - Texas Instruments TPL7407LPWR Datasheet HTML 10Page - Texas Instruments TPL7407LPWR Datasheet HTML 11Page - Texas Instruments TPL7407LPWR Datasheet HTML 12Page - Texas Instruments TPL7407LPWR Datasheet HTML 13Page - Texas Instruments TPL7407LPWR Datasheet HTML 14Page - Texas Instruments TPL7407LPWR Datasheet HTML 15Page - Texas Instruments TPL7407LPWR Datasheet HTML 16Page - Texas Instruments TPL7407LPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPL7407L
IN3
IN4
OUT1
OUT2
OUT3
OUT4
IN5
IN6
IN7
GND
OUT5
OUT6
OUT7
COM
IN1
IN2
CCOM
GND
Only needed for
fluctuating or
high slew rate
supplies
Ground
13
TPL7407L
www.ti.com
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The COM pin is the power supply pin of this device to power the gate drive circuitry. This ensures full drive
potential with any GPIO above 1.5 V. The gate drive circuitry is based on low voltage CMOS transistors that can
only handle a max gate voltage of 7 V. An integrated LDO reduces the COM voltage of 8.5 V to 40 V to a
regulated voltage of 7 V. Though 8.5 V minimum is recommended for Vcom, the part will still function with a
reduced COM voltage that has a reduced gate drive voltage and a resulting higher Rdson.
The COM pin must be limited to below 0.5 V/
μsTo prevent overvoltage on the internal LDO output due to a line
transient on the COM pin. Faster slew-rate (or hot-plug) may cause damage to the internal gate driving circuitry
due to the LDO's inability to clamp a fast input transient fast enough. Since most modern power supplies are
loaded by capacitors > 10
μF, this should not be of any concern. It is recommended to use a bypass capacitor
that will limit the slew rate to below 0.5 V/
μs.
Figure 11 is a great example where repetitive slew rates may occur on the Vcom pin. Whenever a Zener diode is
used between Vcom and the motor supply, the Vcom pin will slew from the coil supply to a voltage that is the
sum of the Zener voltage and the coil supply when there is a flyback event. Depending on the coil inductance
and resistance, this can be very rapid.
In summary, whenever the COM pin may experience a slew rate greater than 0.5 V/µs a capacitor must be
added to limit the slew to < 0.5 V/µs.
10 Layout
10.1 Layout Guidelines
Thin traces can be used on the input due to the low current logic that is typically used to drive TPL7407L. Care
must be taken to separate the input channels as much as possible, as to eliminate cross-talk. Thick traces are
recommended for the output, in order to drive whatever high currents that may be needed. Wire thickness can be
determined by the trace material's current density and desired drive current.
Since all of the channels currents return to a common ground, it is best to size that trace width to be very wide.
Some applications require up to 2 A.
Since the COM pin will only draw up to 25 µA thick traces are not necessary.
10.2 Layout Example
Figure 13. Package Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com