Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL7407LPWR Datasheet(PDF) 12 Page - Texas Instruments

Part # TPL7407LPWR
Description  TPL7407L 40-V 7-Channel Low Side Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL7407LPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPL7407LPWR Datasheet HTML 8Page - Texas Instruments TPL7407LPWR Datasheet HTML 9Page - Texas Instruments TPL7407LPWR Datasheet HTML 10Page - Texas Instruments TPL7407LPWR Datasheet HTML 11Page - Texas Instruments TPL7407LPWR Datasheet HTML 12Page - Texas Instruments TPL7407LPWR Datasheet HTML 13Page - Texas Instruments TPL7407LPWR Datasheet HTML 14Page - Texas Instruments TPL7407LPWR Datasheet HTML 15Page - Texas Instruments TPL7407LPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TPL7407L
IN3
IN4
OUT1
OUT2
OUT3
OUT4
IN5
IN6
IN7
GND
OUT5
OUT6
OUT7
COM
IN1
IN2
VSUP
VSUP
VSUP
+
_
M
CCOM
Logic Inputs
(1.8 V to 5 V)
12
TPL7407L
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.2.3 Multi-Purpose Sink Driver
Figure 12. Multi-Purpose Sink Driver Schematic
8.2.3.1 Design Requirements
When configured as per Figure 12 TPL7407L may be used as a multi-purpose driver. The output channels may
be tied together to sink more current. TPL7407L can easily drive motors, relays & LEDs with little power
dissipation. COM must be tied to highest load voltage, which may or may not be same as inductive load supply.
8.2.3.2 Detailed Design Procedure
Refer to Design Requirements.
8.2.3.3 Application Curves
Refer to Thermal Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com