Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL7407LPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPL7407LPWR
Description  TPL7407L 40-V 7-Channel Low Side Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL7407LPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPL7407LPWR Datasheet HTML 7Page - Texas Instruments TPL7407LPWR Datasheet HTML 8Page - Texas Instruments TPL7407LPWR Datasheet HTML 9Page - Texas Instruments TPL7407LPWR Datasheet HTML 10Page - Texas Instruments TPL7407LPWR Datasheet HTML 11Page - Texas Instruments TPL7407LPWR Datasheet HTML 12Page - Texas Instruments TPL7407LPWR Datasheet HTML 13Page - Texas Instruments TPL7407LPWR Datasheet HTML 14Page - Texas Instruments TPL7407LPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPL7407L
IN3
IN4
OUT1
OUT2
OUT3
OUT4
IN5
IN6
IN7
GND
OUT5
OUT6
OUT7
COM
IN1
IN2
Phase_C
Phase_B
Phase_D
Motor
Phase_A
VSUP
Optional
CCOM
Motor Control Pulses
(1.8 V to 5 V)
11
TPL7407L
www.ti.com
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.2.2 Unipolar Stepper Motor Driver
Figure 11. Stepper Motor Driver Schematic
8.2.2.1 Design Requirements
Figure 11 shows an implementation of TPL7407L for driving a uniploar stepper motor. The unconnected input
channels can be used for other functions. When an input pin is left open the internal 1 M
Ω pull down resistor
pulls the respective input pin to GND potential. For higher noise immunity use an external short across an
unconnected input and GND pins. The COM pin must be tied to the supply of whichever inductive load is being
driven for the driver to be protected by the free-wheeling diode.
Whenever a Zener diode is used between Vcom and the motor supply, the Vcom pin will slew from the coil
supply to a voltage that is the sum of the Zener voltage and the coil supply when there is a flyback event.
Depending on the coil inductance and resistance, this can be very rapid. Whenever the COM pin experiences a
slew rate greater than 0.5 V/µs, a capacitor must be added to limit the slew to < 0.5 V/µs. See Power Supply
Recommendations for further explanation.
8.2.2.2 Detailed Design Procedure
Refer to Design Requirements.
8.2.2.3 Application Curves
Refer to Thermal Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com