Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL-DCPLRX Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # PSL-DCPLRX
Description  Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-DCPLRX Datasheet(HTML) 5 Page - PANDUIT CORP.

  PSL-DCPLRX Datasheet HTML 1Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 2Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 3Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 4Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 5Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 6Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 7Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 8Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Valve & Pneumatic | Lockout / Tagout
Gate Valve Lockout Devices
• Gate valves regulating
hydraulic, pneumatic, and
chemical energy can be
locked out quickly and easily
• Accommodates valve
handles ranging from 1.00
inch (25.40mm to 13.00
inches (330.20mm) in
diameter
• Constructed of rugged
polypropylene providing
strength, durability,
and added security
• Secure with padlock and tag
(sold separately)
Part No.
Fits Valve Handle Diameter
Size
UOM
PSL-V2A
1.0" – 2.5"
3.5" x 1.5"
Each
PSL-V6A
2.5" – 6.5"
7.0" x 2.0"
Each
PSL-V9
6.5" – 10.0"
10.5" x 2.5"
Each
PSL-V13
10.0" – 13.0"
14.5" x 3.0"
Each
Ball Valve Lockouts
Stop valves from being turned with unique
gull-wing design ball valve lockout.
• Quickly and simply secure over any
closed ball valve handle
• Secure with padlock (sold separately)
• Bright red, plastic device works with
ball valve handles either perpendicular
or parallel to pipe
• Includes red “Danger Locked Out” label
• Red octagon shape reinforces lockout status and conveys STOP
Wingspan
halves open
and close
Part No.
Fits Ball
Valve
Fits Handle
Overall Size
UOM
PSL-1059
3/8" – 1 1/4"
up to 5/8"W x 1/4" thick
3 1/8" x 4 1/2" x 4 1/2"
Each
PSL-1058
1 1/2" – 2"
up to 1 1/2"W x 1/2" thick
4 1/2" x 5 2/3" x 5 2/3"
Each
To Order: Add color code after part number.
Example: Part No. PSL-1065 + Color Code RED = PSL-1065RED
Labels
Additional adhesive labels are
available each in ANSI or APWA
colors: Red – RED,
Yellow – YEL, Blue – BLU,
Green – GRN, Purple – PUR.
Part No.
Fits Ball
Valve
UOM
PSL-1065
3/8" – 1 1/4"
Each
PSL-1070
1 1/2" – 2"
Each
English, Spanish, and
French labels included.
Versatile Pneumatic Lockout
Keep employees safe with this rugged, tamper resistant method to
lock out your pneumatic equipment/source.
• Device has seven openings ranging from 9/32" to 1/2" diameter that accommodate
most male and female pneumatic end-fittings
• Clear cover allows user to see what is locked out
• Constructed of polycarbonate with steel hinge for tamper-resistance and durability
• Red octagon shape reinforces lockout status and conveys STOP
• Overall dimensions are 3 7/8" x 3 1/4" x 1 7/8"
Part No.
UOM
PSL-1012
Each
Pneumatic Energy Lockout Device
• Pneumatic energy devices can be locked out quickly and easily without costly tool
modifications or inconvenient in-line valves
• When installed on the male pneumatic fitting, prevents the ability to engage into the
female fitting
• Universal compact design makes the pneumatic lockout device easy to transport
• Five openings install on almost any fitting, even in tight spaces
• Rugged stainless steel construction offers superior strength, durability, added
security and corrosion resistance
• Overall dimensions are 3.5" (88.9mm) diameter x 0.10" (2.54mm) thick
Part No.
UOM
PSL-PEL
Each
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com