Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL-DCPLRX Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # PSL-DCPLRX
Description  Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-DCPLRX Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button PSL-DCPLRX Datasheet HTML 3Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 4Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 5Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 6Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 7Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 8Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 9Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 10Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 11Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Plug & Switch | Lockout / Tagout
AC Plug End Lockout Device
Part No.
Description
UOM
PSL-P
Plug Lockout
Each
• Individual plugs in a wide range of sizes can be locked out to prevent energization
• Accommodates padlocks with shackle lengths of 1.50 inches or greater and plugs
with a hole in a blade
• Constructed of rugged polycarbonate providing strength, durability, added security,
and corrosion resistance
Network security devices block unauthorized access to existing network infrastructure in the data center, at the workstation, in the industrial automation panel, and more. These devices
save time and money associated with network downtime, data security breaches, infrastructure repair, and hardware replacement due to theft. The innovative design of the blockout
device snaps into modules and is released with the removal tool, ensuring the safety and security of the network infrastructure. The versatile design of the lock-in device is compatible
with most existing patch cords, faceplates, patch panels, IP cameras, and other IP devices. It is also compatible with VoIP phones to help prevent unauthorized tampering with
connectivity to ensure E911 continuity.
Network Security Devices
Part No.
Jack Type
Package Content
Blockout
Color
Std. Pkg.
Qty.
PSL-DCJB
RJ45
RJ45 jack blockout devices
and one removal tool
Red
10
PSL-DCJB-BL
RJ45
RJ45 jack blockout devices
and one removal tool
Black
10
PSL-USBA
USB Type ‘A’
USB Type ‘A’ blockout devices
and one removal tool
Red
5
PSL-DCJB
PSL-DCJB-BL
PSL-DCPLRX
PSL-DCPLRX-BL
PSL-USBA
Part No.
Package Content
Plug Lock-In
Color
Std. Pkg.
Qty.
PSL-DCPLX
Lock-in devices,
and one installation/removal tool
Red
10
PSL-DCPLX-BL
Lock-in devices
and one installation/removal tool
Black
10
PSL-DCPLRX
Recessed lock-in devices,
and one installation/removal tool
Red
10
PSL-DCPLRX-BL
Recessed lock-in devices
and one installation/removal tool
Black
10
Jack Module Blockout Device
• Blocks unauthorized access to jacks and potentially harmful foreign objects, saving
time and money associated with data security breaches, network downtime, repair
and hardware replacement
• Compatible with most RJ45 and USB Type ‘A’ jacks to accommodate a variety of
applications and does not interfere with jack contacts separation and punched
hole for hanging
• Can be installed/removed without interfering with adjacent jacks or hardware
• May only be released with the special removal tool, ensuring the safety and security
of your network infrastructure
RJ45 Plug Lock-In Devices
• Tamper-resistant design blocks unauthorized removal of cable, IP phone,
other networking equipment or critical connection
• Deters unauthorized users from moving or stealing VoIP phones helping to
maintain E911 service
• Compact design does not interfere with adjacent jacks, even in
high-density applications
Removal Tool
Corded AC Plug Cover Lockout Devices
• Insert plugs, close cover, and secure with padlock and tag (sold seperately)
• Individual corded plugs in a wide range of sizes can be locked out
to prevent energization
• Constructed of rugged polypropylene providing strength, durability,
and added security
Part No.
Description
UOM
PSL-CL110
Lockout fits 120 VAC corded plug,
2.0" x 2.0" x 3.5" inside dimensions
Each
PSL-CL480
Lockout fits 240 – 480 VAC corded plug,
3.25" x 3.25" x 6.50" inside dimensions
Each
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com