Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL-DCPLRX Datasheet(PDF) 9 Page - PANDUIT CORP.

Part # PSL-DCPLRX
Description  Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-DCPLRX Datasheet(HTML) 9 Page - PANDUIT CORP.

Back Button PSL-DCPLRX Datasheet HTML 3Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 4Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 5Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 6Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 7Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 8Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 9Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 10Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 11Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Padlock | Lockout / Tagout
6-Padlock Lockout Shadow Board Kit
Kit Contents:
6
Steel Padlocks, 3/4" shackle (keyed differently)
10 Laminated Lockout Tags
10 Plastic Ties
1
Scissor Hasp, 1" opening
1
Scissor Hasp, 1 1/2" opening
Board shown w/Kit
APKB071211-001KD
20” X 14”
TIME TO
REORDER
LOCKOUT
TAGS
TIME TO
REORDER
LOCKOUT
TAGS
Shadow effect
enlarged for detail
Shadow printed on board shows lockout/tagout devices are
removed for use.
Durable 14" x14" x 0.063" aluminum board has aluminum pronged hooks to
hang padlocks and hasps. A thick, molded, clear, plastic tag pockets measure
4 3/4"H x 3 5/8"W x 2"D.
6-Padlock Hanger Board Kit
Identifies and displays lockout/tagout devices while storing
supplies – at the same place.
Durable 14" x 14" x 0.063" aluminum board with metal hooks to hang padlocks
and clear plastic tag pocket.
Part No.
Description
Size
UOM
PSL-1009
Board w/Kit
14" x 14"
Each
Part No.
Description
Size
UOM
PSL-1010
Board w/Kit
14" x 14"
Each
PSL-1011
Board Only
14" x 14"
Each
Kit Contents:
6
Steel Padlocks, 3/4" shackle(keyed differently)
10 Laminated Lockout Tags
10 Plastic Ties
1
Scissor Hasp, 1" opening
1
Scissor Hasp, 1 1/2" opening
Self-Laminating Padlock Labels
Part No.
Color
Std. Pkg.
Qty.
Std. Ctn.
Qty.
PSL-PL1BLKY
Black
25
150
PSL-PL1BLUY
Blue
25
150
PSL-PL1GRNY
Green
25
150
PSL-PL1REDY
Red
25
150
PSL-PL1WHTY
White
25
150
PSL-PL1YELY
Yellow
25
150
PSL-PL1REDY-D
Red Label with DANGER header
25
150
PSL-PL1REDY-P
Red Label with DANGER header in Portuguese
25
150
• Used to identify employees’ locks;
employees sign the label, attach it to
the padlock, and overwrap with the
clear vinyl to protect the legend
• Available in six colors for
departmental coding
• One-piece design is easy to use
• Width: 10.00 inches
• Height: 0.75 inches
Labels are designed with blank write-on area for name and department designation
and can be clearly identified with Panduit permanent marking pens.
Padlock Overlaminate Label
Instantly identify the padlock.
• Write on the surface with pen or pencil — name, date, and any other
identification necessary
• 9"W x 0.875"H self-adhesive vinyl label has peel-off liner
• Half of label has printed and writable area and the other half is clear to wrap and
protect written area
Part No.
Danger Message
Std. Pkg. Qty.
PSL-1028
DO NOT REMOVE THIS LOCK
50
PSL-1029
EQUIPMENT LOCKED OUT
50
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com