Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL-DCPLRX Datasheet(PDF) 10 Page - PANDUIT CORP.

Part # PSL-DCPLRX
Description  Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-DCPLRX Datasheet(HTML) 10 Page - PANDUIT CORP.

Back Button PSL-DCPLRX Datasheet HTML 3Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 4Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 5Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 6Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 7Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 8Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 9Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 10Page - PANDUIT CORP. PSL-DCPLRX Datasheet HTML 11Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Lockout / Tagout | Kit
Electrician Lockout Kit
Contractor Lockout Kit
Part No.
Kit Contents
Std. Pkg.
Qty.
PSL-PK-EA
(1) Screwdriver
(1) PSL-PK pouch
(1) PSL-8 padlock
(1) PSL-MLD multiple lockout
(1) PSL-WS wall switch lockout
(1) PSL-CBNT “No Tool” circuit breaker lockout
(1) PSL-P plug lockout
(5) PVT-30 blocking tags
1
PSL-PK-EAP
(1) Screwdriver
(1) PSL-PK pouch
(1) PSL-8 padlock
(1) PSL-MLD multiple lockout
(1) PSL-WS wall switch lockout
(1) PSL-PCBNT PowerLOK™
“No Tool” circuit breaker lockout
(1) PSL-P plug lockout
(5) PVT-30 blocking tags
1
PSL-PK-EAPX
(1) Screwdriver
(1) PSL-PK pouch
(1) PSL-MLD multiple lockout
(1) PSL-WS wall switch lockout
(1) PSL-PCBNT PowerLOK™
“No Tool” circuit breaker lockout
(1) PSL-P plug lockout
(5) PVT-30 blocking tags
1
PSL-PK-EA-F
(1) Screwdriver
(1) PSL-PK pouch
(1) PSL-8 padlock
(1) PSL-MLD multiple lockout
(1) PSL-WS wall switch lockout
(1) PSL-CBNT “No Tool” circuit breaker lockout
(1) PSL-P plug lockout
(5) PVT-30 blocking tags
1
PSL-PK-EAKS
(1) Klein Screwdriver
(1) PSL-PK pouch
(1) PSL-8 red non-conductive lockout padlock
(1) PSL-MLD multiple lockout
(1) PSL-WS wall switch lockout
(1) PSL-CBNT “No Tool” circuit breaker lockout
(1) PSL-P plug lockout
(5) PVT-30 blocking tags
1
PSL-PK
Empty pouch for PSL-PK-EA
1
Part No.
Kit Contents
Std. Pkg.
Qty.
PSL-KT-CONA
(1) Screwdriver
(1) PSL-KT case
(6) PSL-8 padlocks
(1) PSL-1A hasp
(1) PSL-MLD lockout
(3) PSL-WS wall switch lockout
(3) PSL-CBNT “No Tool” circuit breaker lockout (3)
PSL-P plug lockouts
(15) PVT-98 tags
1
PSL-KT-CONAP
(1) Screwdriver
(1) PSL-KT case
(6) PSL-8 padlocks
(1) PSL-1A hasp
(1) PSL-MLD lockout
(3) PSL-WS wall switch lockout
(3) PSL-PCBNT PowerLOK™
“No Tool” circuit breaker lockout
(3) PSL-P plug lockouts
(15) PVT-98 tags
1
PSL-KT-CONAPX
(1) Screwdriver
(1) PSL-KT case
(1) PSL-1A hasp
(1) PSL-MLD lockout
(3) PSL-WS wall switch lockout
(3) PSL-P plug lockouts
(15) PVT-98 tags.
1
PSL-KT-CONA-F
(1) Screwdriver,
(1) PSL-KT case
(6) PSL-8 padlocks
(1) PSL-1A hasp
(1) PSL-MLD lockout
(3) PSL-WS wall switch lockout
(3) PSL-CBNT “No Tool” circuit breaker lockout
(3) PSL-P plug lockouts
(15) PVT-98 “EQUIPMENT LOCKED OUT BY...”
safety tags in French
1
PSL-KT
Empty plastic kit box for PSL-KT-CONA
1
PSL-PK-EAP
PSL-KT-PWRP
Metal Wall Mount Cabinet
Safety Tool Bag
Part No.
Description
Std. Pkg. Qty.
PSL-STATION
Metal Wall Mount Cabinet
1
Part No.
Color
Std. Pkg.
Qty.
PSL-BG
Red
1
• Conveniently store lockout tools and accessories in one common area
• Durable steel case can be wall-mounted (nine mounting holes) or used as a
portable case
• 14.75" x 10.25" x 4.63"
Red/Black Polyester Fabric
• Width: 18 inches
• Height: 11 inches
• Depth: 11 inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com