Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC8564
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 11Page - Texas Instruments DAC8564 Datasheet HTML 12Page - Texas Instruments DAC8564 Datasheet HTML 13Page - Texas Instruments DAC8564 Datasheet HTML 14Page - Texas Instruments DAC8564 Datasheet HTML 15Page - Texas Instruments DAC8564 Datasheet HTML 16Page - Texas Instruments DAC8564 Datasheet HTML 17Page - Texas Instruments DAC8564 Datasheet HTML 18Page - Texas Instruments DAC8564 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
94
92
90
86
5
1
2
3
0
f
(kHz)
OUT
88
4
AV
=5V,ExternalV
=4.9V
1dBFSRDigitalInput,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
S
-
ChA
ChB
ChC
ChD
0
-40
-60
-140
20
5
10
15
0
Frequency(Hz)
-80
-20
AV
=5V,ExternalV
=4.9V
f
=1kHz,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
OUT
S
-100
-120
Time(2 s/div)
m
AV
=5V
ExtV
=4.096V
FromCode:0000h
ToCode:FFFFh
DD
REF
TriggerPulse5V/div
ZoomedRisingEdge
1mV/div
RisingEdge
1V/div
Time(2 s/div)
m
AV
=5V
ExtV
=4.096V
FromCode:FFFFh
ToCode:0000h
DD
REF
TriggerPulse5V/div
ZoomedFallingEdge
1mV/div
Falling
Edge
1V/div
Time(2 s/div)
m
AV
=5V
ExtV
=4.096V
FromCode:4000h
ToCode:C000h
DD
REF
TriggerPulse5V/div
ZoomedRisingEdge
1mV/div
Rising
Edge
1V/div
Time(2 s/div)
m
AV
=5V
ExtV
=4.096V
FromCode:C000h
ToCode:4000h
DD
REF
TriggerPulse5V/div
ZoomedFallingEdge
1mV/div
Falling
Edge
1V/div
DAC8565
www.ti.com
SBAS411C
– JUNE 2007 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS: DAC at AVDD = 5V (continued)
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
SIGNAL-TO-NOISE RATIO
vs OUTPUT FREQUENCY
POWER SPECTRAL DENSITY
Figure 42.
Figure 43.
FULL-SCALE SETTLING TIME:
FULL-SCALE SETTLING TIME:
5V RISING EDGE
5V FALLING EDGE
Figure 44.
Figure 45.
HALF-SCALE SETTLING TIME:
HALF-SCALE SETTLING TIME:
5V RISING EDGE
5V FALLING EDGE
Figure 46.
Figure 47.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): DAC8565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com