Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 28 Page - Texas Instruments

Part # DAC8564
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 24Page - Texas Instruments DAC8564 Datasheet HTML 25Page - Texas Instruments DAC8564 Datasheet HTML 26Page - Texas Instruments DAC8564 Datasheet HTML 27Page - Texas Instruments DAC8564 Datasheet HTML 28Page - Texas Instruments DAC8564 Datasheet HTML 29Page - Texas Instruments DAC8564 Datasheet HTML 30Page - Texas Instruments DAC8564 Datasheet HTML 31Page - Texas Instruments DAC8564 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
DAC8565
SBAS411C
– JUNE 2007 – REVISED MARCH 2011
www.ti.com
LD1 (DB21) and LD0 (DB20) control the updating of
DB21 = 0 and DB20 = 1: Single-channel update.
each analog output with the specified 16-bit data
The
temporary
register
and
DAC
register
value or power-down command. Bit DB19 must
corresponding to a DAC selected by DB18 and DB17
always be '0'. The DAC channel select bits (DB18,
are updated with the contents of SR data (or
DB17)
control
the
destination
of
the
data
(or
power-down).
power-down command) from DAC A to DAC D. The
DB21 = 1 and DB20 = 0: Simultaneous update. A
final control bit, PD0 (DB16), selects the power-down
channel selected by DB18 and DB17 updates with
mode of the DAC8565 channels as well as the
the SR data; simultaneously, all the other channels
power-down mode of the internal reference.
update with previously stored data (or power-down)
The DAC8565 supports a number of different load
from temporary registers.
commands. The load commands include broadcast
DB21 = 1 and DB20 = 1: Broadcast update. If
commands to address all the DAC8565s on an SPI
DB18 = 0, then SR data are ignored and all channels
bus. The load commands are summarized as follows:
are
updated
with
previously
stored
data
(or
DB21 = 0 and DB20 = 0: Single-channel store. The
power-down). If DB18 = 1, then SR data (or
temporary register (data buffer) corresponding to a
power-down) updates all channels. Refer to Table 6
DAC selected by DB18 and DB17 updates with the
for more information.
contents of SR data (or power-down).
Table 6. Control Matrix for the DAC8565
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13-DB0
0
0
LD 1
LD 0
0
DAC Sel 1
DAC Sel 0
PD0
MSB
MSB-1
MSB-2...LSB
DESCRIPTION
0
0
0
0
0
0
Data
Write to buffer A with data
0
0
0
0
1
0
Data
Write to buffer B with data
0
0
0
1
0
0
Data
Write to buffer C with data
0
0
0
1
1
0
Data
Write to buffer D with data
Write to buffer (selected by DB17 and DB18) with
0
0
0
(00, 01, 10, or 11)
1
See Table 7
0
power-down command
Write to buffer with data and load DAC (selected by
0
1
0
(00, 01, 10, or 11)
0
Data
DB17 and DB18)
Write to buffer with power-down command and load
0
1
0
(00, 01, 10, or 11)
1
See Table 7
0
DAC (selected by DB17 and DB18)
Write to buffer with data (selected by DB17 and DB18)
1
0
0
(00, 01, 10, or 11)
0
Data
and then load all DACs simultaneously from their
corresponding buffers
Write to buffer with power-down command (selected by
1
0
0
(00, 01, 10, or 11)
1
See Table 7
0
DB17 and DB18) and then load all DACs
simultaneously from their corresponding buffers
Broadcast Modes
0
Simultaneously update all channels of DAC8565 with
X
X
1
1
0
X
X
X
data stored in each channels temporary register
X
X
1
1
0
1
X
0
Data
Write to all channels and load all DACs with SR data
Write to all channels and load all DACs with
X
X
1
1
0
1
X
1
See Table 7
0
power-down command in SR
28
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com