Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 29 Page - Texas Instruments

Part # DAC8564
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 25Page - Texas Instruments DAC8564 Datasheet HTML 26Page - Texas Instruments DAC8564 Datasheet HTML 27Page - Texas Instruments DAC8564 Datasheet HTML 28Page - Texas Instruments DAC8564 Datasheet HTML 29Page - Texas Instruments DAC8564 Datasheet HTML 30Page - Texas Instruments DAC8564 Datasheet HTML 31Page - Texas Instruments DAC8564 Datasheet HTML 32Page - Texas Instruments DAC8564 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
CLK
SYNC
D
IN
ValidWriteSequence:
Output/ModeUpdates onthe24thFallingEdge
24thFallingEdge
24thFallingEdge
DB23
DB0
DB23
DB0
Invalid/InterruptedWriteSequence:
Output/ModeDoesNotUpdate onthe24thFallingEdge
DAC8565
www.ti.com
SBAS411C
– JUNE 2007 – REVISED MARCH 2011
SYNC INTERRUPT
LDAC FUNCTIONALITY
In a normal write sequence, the SYNC line stays low
The DAC8565 offer both a software and hardware
for at least 24 falling edges of SCLK and the
simultaneous
update
function.
The
DAC
addressed DAC register updates on the 24th falling
double-buffered architecture has been designed so
edge. However, if SYNC is brought high before the
that new data can be entered for each DAC without
24th falling edge, it acts as an interrupt to the write
disturbing the analog outputs.
sequence; the shift register resets and the write
DAC8565 data updates are synchronized with the
sequence is discarded. Neither an update of the data
falling edge of the 24th SCLK cycle, which follows a
buffer contents, DAC register contents, nor a change
falling edge of SYNC. For such synchronous updates,
in
the
operating
mode
occurs
(as
shown
in
the LDAC pin is not required and it must be
Figure 95).
connected to GND permanently. The LDAC pin is
used as a positive edge triggered timing signal for
POWER-ON RESET TO ZERO-SCALE OR
asynchronous
DAC
updates.
To
do
an
LDAC
MIDSCALE
operation, single-channel store(s) should be done
(loading DAC buffers) by setting LD0 and LD1 to '0'.
The DAC8565 contains a power-on reset circuit that
Multiple single-channel updates can be done in order
controls
the
output
voltage
during
power-up.
to set different channel buffers to desired values and
Depending on the RSTSEL signal, on power-up, the
then make a rising edge on LDAC. Data buffers of all
DAC registers are reset and the output voltages are
channels must be loaded with desired data before an
set to zero-scale (RSTSEL = 0) or midscale (RSTSEL
LDAC
rising
edge.
After
a
low-to-high
LDAC
= 1); they remain that way until a valid write
transition, all DACs are simultaneously updated with
sequence and load command are made to the
the contents of the corresponding data buffers. If the
respective DAC channel. The power-on reset is
contents of a data buffer are not changed by the
useful in applications where it is important to know
serial
interface,
the
corresponding
DAC
output
the state of the output of each DAC while the device
remains unchanged after the LDAC trigger.
is in the process of powering up.
No device pin should be brought high before power is
ENABLE PIN
applied to the device. The internal reference is
powered on by default and remains that way until a
For normal operation, the enable pin must be driven
valid reference-change command is executed.
to a logic low. If the enable pin is driven high, the
DAC8565 stops listening to the serial port. However,
SCLK, SYNC, and DIN must not be kept floating, but
must be at some logic level. This feature can be
useful for applications that share the same serial port.
Figure 95. SYNC Interrupt Facility
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): DAC8565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com