Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC8564
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 10Page - Texas Instruments DAC8564 Datasheet HTML 11Page - Texas Instruments DAC8564 Datasheet HTML 12Page - Texas Instruments DAC8564 Datasheet HTML 13Page - Texas Instruments DAC8564 Datasheet HTML 14Page - Texas Instruments DAC8564 Datasheet HTML 15Page - Texas Instruments DAC8564 Datasheet HTML 16Page - Texas Instruments DAC8564 Datasheet HTML 17Page - Texas Instruments DAC8564 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
-40
-60
-70
-100
5
1
2
3
0
f
(kHz)
OUT
-80
4
THD
3rdHarmonic
2ndHarmonic
-50
AV
=5V,ExternalV
=4.9V,ChA
1dBFSRDigitalInput,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
S
-
-90
-40
-60
-70
-100
5
1
2
3
0
f
(kHz)
OUT
-80
4
THD
3rdHarmonic
2ndHarmonic
-50
AV
=5V,ExternalV
=4.9V,ChB
1dBFSRDigitalInput,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
S
-
-90
-40
-60
-70
-100
5
1
2
3
0
f
(kHz)
OUT
-80
4
THD
3rdHarmonic
2ndHarmonic
-50
AV
=5V,ExternalV
=4.9V,ChC
1dBFSRDigitalInput,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
S
-
-90
-40
-60
-70
-110
5
1
2
3
0
f
(kHz)
OUT
-80
4
THD
3rdHarmonic
2ndHarmonic
-50
AV
=5V,ExternalV
=4.9V,ChD
1dBFSRDigitalInput,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
S
-
-90
-100
60
40
20
0
AV
=5.5V
DD
InternalV
Included
REF
50
30
10
950
1000
1050
1100
1150
1200
Power-SupplyCurrent( A)
m
DAC8565
SBAS411C
– JUNE 2007 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS: DAC at AVDD = 5V (continued)
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
vs OUTPUT FREQUENCY
Figure 37.
Figure 38.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
vs OUTPUT FREQUENCY
Figure 39.
Figure 40.
POWER-SUPPLY CURRENT
HISTOGRAM
Figure 41.
14
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com