Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5542IPAP Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS5542IPAP
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5542IPAP Datasheet HTML 15Page - Texas Instruments ADS5542IPAP Datasheet HTML 16Page - Texas Instruments ADS5542IPAP Datasheet HTML 17Page - Texas Instruments ADS5542IPAP Datasheet HTML 18Page - Texas Instruments ADS5542IPAP Datasheet HTML 19Page - Texas Instruments ADS5542IPAP Datasheet HTML 20Page - Texas Instruments ADS5542IPAP Datasheet HTML 21Page - Texas Instruments ADS5542IPAP Datasheet HTML 22Page - Texas Instruments ADS5542IPAP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
www.ti.com
10
20
30
40
50
60
70
80
90
100
100
69
69
71
71
73
73
73
73
71
71
67
75
75
75
75
77
77
77
77
79
79
79
79
79
81
81
81
81
81
81
81
81
81
83
83
83
83
85
85
85
85
85
85
85
85
85
85
85
85
87
87
87
87
87
87
87
87
87
87
87
89
89
89
89
91
91
91
91
150
200
250
300
65
70
75
80
85
90
50
Input Frequency (MHz)
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1dBFS, and 3-V differential clock,
unless otherwise noted
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
Figure 36.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com