Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5542IPAP Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5542IPAP
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5542IPAP Datasheet HTML 1Page - Texas Instruments ADS5542IPAP Datasheet HTML 2Page - Texas Instruments ADS5542IPAP Datasheet HTML 3Page - Texas Instruments ADS5542IPAP Datasheet HTML 4Page - Texas Instruments ADS5542IPAP Datasheet HTML 5Page - Texas Instruments ADS5542IPAP Datasheet HTML 6Page - Texas Instruments ADS5542IPAP Datasheet HTML 7Page - Texas Instruments ADS5542IPAP Datasheet HTML 8Page - Texas Instruments ADS5542IPAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
MIN
TYP
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD
3
3.3
3.6
V
Output driver supply voltage, DRVDD
3
3.3
3.6
V
ANALOG INPUT
Differential input range
2.3
VPP
Input common-mode voltage, VCM(1)
1.45
1.55
1.65
V
DIGITAL OUTPUT
Maximum output load
10
pF
CLOCK INPUT
ADCLK input sample rate (sine wave) 1/tC
2
80
MSPS
Clock amplitude, sine wave, differential(2)
1
3
VPP
Clock duty cycle(3)
50%
Open free-air temperature range
–40
85
°C
(1)
Input common-mode should be connected to CM.
(2)
See Figure 47 for more information.
(3)
See Figure 46 for more information.
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-VPP differential clock, and –1dBFS differential input,
unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
Analog Inputs
Differential input range
2.3
VPP
Differential input impedance
See Figure 37
6.6
k
Ω
Differential input capacitance
See Figure 37
4
pF
Analog input common-mode current (per
200
µA
input)
Analog input bandwidth
Source impedance = 50
Ω
750
MHz
Voltage overload recovery time
4
Clock cycles
Internal Reference Voltages
Reference bottom voltage, VREFM
1.0
V
Reference top voltage, VREFP
2.15
V
Reference error
–4%
±0.6%
4%
Common-mode voltage output, VCM
1.55
±0.05
V
Dynamic DC Characteristics and Accuracy
No missing codes
Assured
Differential nonlinearity error, DNL
fIN = 10 MHz
-0.9
0.5
1.1
LSB
Integral nonlinearity error, INL
fIN = 10 MHz
–5
±2
5
LSB
Offset error
-11
±1.5
11
mV
Offset temperature coefficient
0.02
mV/
°C
∆offset error/∆AV
DD from AVDD = 3 V to
DC power-supply rejection ratio, DC PSRR
0.25
mV/V
AVDD = 3.6 V
Gain error (1)
-2
0.3
2
%FS
Gain temperature coefficient
–0.02
∆%/°C
(1)
Gain error is specified by design and characterization; it is not tested in production.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com