Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5542IPAP Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS5542IPAP
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5542IPAP Datasheet HTML 4Page - Texas Instruments ADS5542IPAP Datasheet HTML 5Page - Texas Instruments ADS5542IPAP Datasheet HTML 6Page - Texas Instruments ADS5542IPAP Datasheet HTML 7Page - Texas Instruments ADS5542IPAP Datasheet HTML 8Page - Texas Instruments ADS5542IPAP Datasheet HTML 9Page - Texas Instruments ADS5542IPAP Datasheet HTML 10Page - Texas Instruments ADS5542IPAP Datasheet HTML 11Page - Texas Instruments ADS5542IPAP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
16 x M
MSB
LSB
LSB
MSB
SCLK
SEN
SDATA
tSLOADS
tSLOADH
tSCLK
tWSCLK
tWSCLK
tsu(D)
th(D)
V
DFS t
2
12
AV
DD
4
12
AV
DD t VDFS t
5
12
AV
DD
7
12
AV
DD t VDFS t
8
12
AV
DD
V
DFS u
10
12
AV
DD
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
Figure 4. Serial Programming Interface Timing Diagram
Table 1. Serial Programming Interface Timing Characteristics
SYMBOL
PARAMETER
MIN(1)
TYP(1)
MAX(1)
UNIT
tSCLK
SCLK period
50
ns
tWSCLK
SCLK duty cycle
25%
50%
75%
tSLOADS
SEN to SCLK setup time
8
ns
tSLOADH
SCLK to SEN hold time
6
ns
tDS
Data setup time
8
ns
tDH
Data hold time
6
ns
(1)
Min, typ, and max values are characterized, but not production tested.
Table 2. Serial Register Table(1)
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
TP<1>
TP<0>
Test Mode
1
1
1
0
0
0
0
0
0
0
0
0
0
0
X
0
Normal mode of operation
1
1
1
0
0
0
1
0
0
0
0
0
0
0
X
0
All outputs forced to 0
1
1
1
0
0
1
0
0
0
0
0
0
0
0
X
0
All outputs forced to 1
1
1
1
0
0
1
1
0
0
0
0
0
0
0
X
0
Each output bit toggles between 0 and 1. (2)(3)
PDN
Power Down
1
1
1
1
0
0
0
0
0
0
0
0
0
0
X
0
Normal mode of operation
1
1
1
1
1
0
0
0
0
0
0
0
0
0
X
0
Device is put in power-down (low-current) mode.
(1)
The register contents default to the appropriate setting for normal operation up on RESET.
(2)
The patterns given are applicable to the straight offset binary output format. If two's complement output format is selected, the test mode
outputs will be the binary two's complement equivalent of these patterns as described in the Output Information section.
(3)
While each bit toggles between 1 and 0 in this mode, there is no assured phase relationship between the data bits D0 through D13. For
example, when D0 is a 1, D1 in not assured to be a 0, and vice versa.
Table 3. Data Format Select (DFS) Table
DFS-PIN VOLTAGE (VDFS)
DATA FORMAT
CLOCK OUTPUT POLARITY
Straight Binary
Data valid on rising edge
Two's Complement
Data valid on rising edge
Straight Binary
Data valid on falling edge
Two's Complement
Data valid on falling edge
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com