Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5542IPAP Datasheet(PDF) 27 Page - Texas Instruments

Part # ADS5542IPAP
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5542IPAP Datasheet HTML 23Page - Texas Instruments ADS5542IPAP Datasheet HTML 24Page - Texas Instruments ADS5542IPAP Datasheet HTML 25Page - Texas Instruments ADS5542IPAP Datasheet HTML 26Page - Texas Instruments ADS5542IPAP Datasheet HTML 27Page - Texas Instruments ADS5542IPAP Datasheet HTML 28Page - Texas Instruments ADS5542IPAP Datasheet HTML 29Page - Texas Instruments ADS5542IPAP Datasheet HTML 30Page - Texas Instruments ADS5542IPAP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
www.ti.com
PowerPAD PACKAGE
Assembly Process
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
Applying a RESET signal is absolutely essential to set the internal registers to their default states for normal
operation. If the hardware RESET function is not used in the system, the RESET pin must be tied to ground and
it is necessary to write the default values to the internal registers through the serial programming interface. The
following registers must be written in this order.
Write 9000h (Address 9, Data 000)
Write A000h (Address A, Data 000)
Write B000h (Address B, Data 000)
Write C000h (Address C, Data 000)
Write D000h (Address D, Data 000)
Write E000h (Address E, Data 804)
Write 0000h (Address 0, Data 000)
Write 1000h (Address 1, Data 000)
Write F000h (Address F, Data 000)
NOTE:
This procedure is only required if a RESET pulse is not provided to the device.
The PowerPAD package is a thermally enhanced standard size IC package designed to eliminate the use of
bulky heatsinks and slugs traditionally used in thermal packages. This package can be easily mounted using
standard printed circuit board (PCB) assembly techniques and can be removed and replaced using standard
repair procedures.
The PowerPAD package is designed so that the lead frame die pad (or thermal pad) is exposed on the bottom
of the IC. This provides a low thermal resistance path between the die and the exterior of the package. The
thermal pad on the bottom of the IC can then be soldered directly to the printed circuit board (PCB), using the
PCB as a heatsink.
1. Prepare the PCB top-side etch pattern including etch for the leads as well as the thermal pad as
illustrated in the Mechanical Data section. The recommended thermal pad dimension is 8 mm x 8 mm.
2. Place a 5-by-5 array of thermal vias in the thermal pad area. These holes should be 13 mils in diameter.
The small size prevents wicking of the solder through the holes.
3. It is recommended to place a small number of 25 mil diameter holes under the package, but outside the
thermal pad area to provide an additional heat path.
4. Connect all holes (both those inside and outside the thermal pad area) to an internal copper plane (such
as a ground plane).
5. Do not use the typical web or spoke via connection pattern when connecting the thermal vias to the
ground plane. The spoke pattern increases the thermal resistance to the ground plane.
6. The top-side solder mask should leave exposed the terminals of the package and the thermal pad area.
7. Cover the entire bottom side of the PowerPAD vias to prevent solder wicking.
8. Apply solder paste to the exposed thermal pad area and all of the package terminals.
For more detailed information regarding the PowerPAD package and its thermal properties, see either the
application brief SLMA004B (PowerPAD Made Easy) or technical brief SLMA002 (PowerPAD Thermally
Enhanced Package).
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com