Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAMC0106M25DENR Datasheet(PDF) 14 Page - Texas Instruments

Part # PAMC0106M25DENR
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAMC0106M25DENR Datasheet(HTML) 14 Page - Texas Instruments

Back Button PAMC0106M25DENR Datasheet HTML 10Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 11Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 12Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 13Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 14Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 15Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 16Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 17Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
6.3.4.2 Output Behavior in Case of a Missing High-Side Supply
As shown in Figure 6-6, the device provides a constant bitstream of logic 0's at the output if the high-side supply
is missing. DOUT is permanently low when the high-side supply is missing. A one is not generated every 128
clock pulses, which differentiates this condition from a valid negative full-scale input. This feature helps identify
high-side power-supply problems on the board.
CLKIN
DOUT
AVDD
Data valid
Data valid
0
Figure 6-6. Output of the AMC0106M25 in Case of a Missing High-Side Supply
6.4 Device Functional Modes
The AMC0106M25 operates in one of the following states:
• OFF-state: The low-side of the device (AVDD) is not supplied. The device is not responsive and DOUT is in
high-impedance state. Internally, DOUT is clamped to DVDD and DGND by ESD protection diodes.
• Missing high-side supply: DVDD is supplied within the Recommended Operating Conditions but VAVDD is
below the AVDDUV threshold. The device outputs a constant bitstream of logic 0's as described in the Output
Behavior in Case of a Missing High-Side Supply section.
• Common-mode input violation: AVDD and DVDD are supplied within the respective recommended operating
conditions. However, the common-mode input voltage VCM = (VINP + VINN) / 2 is outside the recommended
operating conditions. The device outputs invalid data, independent of the differential input voltage VIN.
• Differential input voltage range violation (full-scale input): VAVDD, VDVDD, and VCM are within the
recommended operating conditions. However, the differential input voltage VIN = (VINP – VINN) exceeds the
clipping voltage (|VIN| > |VClipping|). The device outputs a fixed pattern as described in the Output Behavior in
Case of a Missing High-Side Supply section.
• Normal operation: VAVDD, VDVDD, VCM, and VIN are within the recommended operating conditions. The device
outputs a digital bitstream as explained in the Digital Output section.
Table 6-1. Device Operational Modes
OPERATING
CONDITION
VDVDD
VAVDD
VCM
(VINP + VINN) / 2
VIN
(VINP – VINN)
DEVICE
RESPONSE
OFF
VDVDD < DVDDUV
Don't care
Don't care
Don't care
DOUT is in Hi-Z state. DOUT is
clamped to DVDD and DGND by
ESD protection diodes.
Missing high-side
supply
Valid(1)
VAVDD < AVDDUV
Don't care
Don't care
DOUT is constantly low
Common-mode input
voltage range violation
Valid(1)
Valid(1)
VCM < VCM, MIN or VCM
> VCM, MAX
Don't care
Device outputs invalid data
Differential input
voltage range violation
Valid(1)
Valid(1)
Valid(1)
|VIN| > VClipping
Device outputs a single 1 or a
single 0 every 128th clock cycle
Normal operation
Valid(1)
Valid(1)
Valid(1)
Valid(1)
Normal Operation
(1)
Valid means within recommended operating conditions.
AMC0106M25
SBASAX1 – AUGUST 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com