Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAMC0106M25DENR Datasheet(PDF) 17 Page - Texas Instruments

Part # PAMC0106M25DENR
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAMC0106M25DENR Datasheet(HTML) 17 Page - Texas Instruments

Back Button PAMC0106M25DENR Datasheet HTML 13Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 14Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 15Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 16Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 17Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 18Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 19Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 20Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
7.2.2.2 Input Filter Design
Place a differential RC filter (R1, R2, C5) in front of the isolated modulator to improve signal-to-noise
performance of the signal path. Input noise with a frequency close to the ΔΣ modulator sampling frequency
(typically 20MHz) is folded back into the low-frequency range by the modulator. The purpose of the RC filter at
the input is to attenuate high-frequency noise below the desired noise level of the measurment. Design the input
filter such that:
• The filter capacitance (C5) is a minimum of 10nF
• The cutoff frequency of the filter is at least one order of magnitude lower than the sampling frequency (fCLKIN)
of the ΔΣ modulator
• The dynamic input bias current does not generate significant voltage drop across the DC impedances (R1,
R2) of the input filter
• The impedances measured from the analog inputs are equal (R1 equals R2)
Capacitors C6 and C7 are optional and improve common-mode rejection at high frequencies (>1MHz). For
best performance, make sure C6 matches the value of C7 and that both capacitors are 10 to 20 times
lower in value than C5. NP0-type capacitors offer low temperature drift and low voltage coefficients, and are
preferred for common-mode filtering. For most applications, the structure shown in Figure 7-2 achieves excellent
performance.
R2
10
R1 10
C5
10 nF
AVDD
AGND
INP
INN
DVDD
CLKIN
DOUT
DGND
C6
1 nF
C7
1 nF
Figure 7-2. Input Filter
7.2.2.3 Bitstream Filtering
The modulator generates a bitstream that is processed by a digital filter to obtain a digital word similar to a
conversion result of a conventional analog-to-digital converter (ADC). Equation 2 shows a sinc3-type filter, which
is a very simple filter built with minimal effort and hardware.
3
OSR
1
1
z
H z
1
z
§
·
¨
¸
¨
¸
©
¹
(2)
This filter provides the best output performance at the lowest hardware size (count of digital gates) for a
second-order modulator. All characterization in this document is done with a sinc3 filter with an oversampling
ratio (OSR) of 256 and a 16-bit output word width.
The Combining the ADS1202 with an FPGA Digital Filter for Current Measurement in Motor Control Applications
application note discusses an example code. Use this example code for implementing a sinc3 filter in an FPGA.
This application note is available for download at www.ti.com.
For modulator output bitstream filtering, use a device from TI's C2000 or Sitara microcontroller families. These
families support multichannel dedicated hardwired filter structures that significantly simplify system level design
by offering two filtering paths per channel. One path provides high-accuracy results for the control loop and the
other provides a fast-response path for overcurrent detection.
A delta sigma modulator filter calculator is available for download at www.ti.com that aids in filter design and
correct OSR and filter order selection. This calculator helps achieve the desired output resolution and filter
response time.
www.ti.com
AMC0106M25
SBASAX1 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com