Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAMC0106M25DENR Datasheet(PDF) 18 Page - Texas Instruments

Part # PAMC0106M25DENR
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAMC0106M25DENR Datasheet(HTML) 18 Page - Texas Instruments

Back Button PAMC0106M25DENR Datasheet HTML 14Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 15Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 16Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 17Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 18Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 19Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 20Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 21Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
7.2.2.4 Designing the Bootstrap Supply
The bootstrap capacitor (C2, Figure 7-1) is charged during the PWM on-time of the low-side FET of the
left-hand-side half bridge. During the PWM off-time, C2 rises with the switch pin voltage and serves as the
AMC0106M25 power supply. R4 serves as a current-limiting resistor during the charging phase, and D1 prevents
reverse current from flowing back to the bootstrap supply during the discharge phase.
The voltage C2 charges up to during the PWM on-time depends on the values of the bootstrap supply and the
current limiting resistor R2. Additionally, this voltage depends on the PWM duty cycle and the forward voltage of
the diode D1 (VF, D1).
The voltage C2 discharges to during the PWM off-time depends on the reverse recovery time of D1. Additionally,
this voltage depends on the PWM duty cycle and the current draw of the AMC0106M25 (IAVDD) . To minimize
switching losses, select a fast switching diode with high forward current capability.
Make sure C2 is sized to support the maximum IAVDD current for the duration of the maximum PWM off-time.
During this time, make sure C2 does not discharge below the minimum recommended AVDD voltage of 3V.
Lower capacitance values allow faster charging and therefore support lower PWM duty cycles. However, lower
values also generate more voltage ripple and limit the maximum PWM off time. In this example, a ripple voltage
(VRIPPLE) of less than 200mV is targeted. The maximum PWM off-time is 95% × (1 / fPWM) = 0.95 × 62.5µs,
which is approximately 60µs. IAVDD, MAX is specified as 8.8mA. The minimum capacitance value is calculated as
C2, MIN = IAVDD, MAX × tPWM-OFF, MAX / VRIPPLE = 8.8mA × 60µs / 200mV = 2.6µF. A 4.7µF capacitor is selected to
allow for component tolerances and adds margin to the design.
Make sure the bootstrap circuit supports recharging C2 within the minimum PWM on-time of 5% × (1 / fPWM)
= 0.05 × 62.5µs, or approximately 3.1µs. The average charging current during this time is C2 × VRIPPLE /
tPWM-ON, MIN = 4.7µF × 200mV / 3.1µs, which is approximately 300mA. This current is the minimum forward
current that diode D1 has to support. The maximum allowable voltage drop across diode D1 and current limiting
resistor R4 is determined by the minimum capacitor voltage and the VBS value. The minimum capacitor voltage
is 3V and equivalent to AVDDMIN. VBS is the bootstrap supply voltage and is equal to 6V. Assume a diode
forward voltage of 1V is used. Make sure R4 is < (VBS – VF, D1 – VC2, MIN ) / ICHARGE = (6V – 1V – 3V) / 300mA =
6Ω. A 2Ω resistor is selected to provide margin to the design.
7.3 Best Design Practices
Place a minimum 10nF capacitor at the device input (from INP to INN). This capacitor helps avoid voltage droop
at the input during the sampling period of the switched-capaitor input stage.
Do not leave the inputs of the AMC0106M25 unconnected (floating) when the device is powered up. If either
modulator input is left floating, the output bitstream is not valid.
Connect the high-side ground (AGND) to INN, either by a hard short or through a resistive path. A DC current
path between INN and AGND is required to define the input common-mode voltage. Do not exceed the input
common-mode range, as specified in the Recommended Operating Conditions table. For best accuracy, route
the ground connection as a separate trace that connects directly to the sense resistor. Do not short AGND to
INN directly at the device input. See the Layout section for more details.
AMC0106M25
SBASAX1 – AUGUST 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com