Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAMC0106M25DENR Datasheet(PDF) 16 Page - Texas Instruments

Part # PAMC0106M25DENR
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAMC0106M25DENR Datasheet(HTML) 16 Page - Texas Instruments

Back Button PAMC0106M25DENR Datasheet HTML 12Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 13Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 14Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 15Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 16Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 17Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 18Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 19Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
The high-side power supply (AVDD) is generated from a bootstrap circuit (R4, D1, C2). The low-side supply is
shared with circuitry in the signal domain. Use the optional 49.9Ω resistor on the DOUT pin for line-termination to
improve signal integrity on the receiving end.
The galvanic isolation barrier and high common-mode transient immunity (CMTI) of the AMC0106M25 provide
reliable and accurate operation even in high-noise environments.
7.2.1 Design Requirements
Table 7-1 lists the parameters for this typical application.
Table 7-1. Design Requirements
PARAMETER
VALUE
System voltage, power-stage
48V
Bootstrap supply voltage (VBS)
6V
Maximun ripple voltage on AVDD supply (VRIPPLE)
200mV
PWM frequency
16kHz
PWM duty cycle range
5% to 95%
Linear current sensing range
±5A
7.2.2 Detailed Design Procedure
In Figure 7-1, the high-side power supply (AVDD) is generated from a bootstrap circuit (R4, D1, C2).
The high-side ground reference (AGND) is derived from the end of the shunt resistor connected to the negative
input of the AMC0106M25 (INN). For a four-terminal shunt, connect the device inputs to the inner leads of
the shunt and connect AGND to the outer leads. To minimize offset and improve accuracy, route the ground
connection as a separate trace. Connect AGND directly to the shunt resistor rather than shorting AGND to INN
at the input to the device. See the Layout section for more details.
7.2.2.1 Shunt Resistor Sizing
The shunt resistor (RSHUNT) value is determined by the device linear input voltage range (±250mV) and the
desired linear current sensing range of ±5A. RSHUNT is calculated as 250mV / 5A = 50mΩ. The peak power
dissipated in the shunt resistor is RSHUNT × IPEAK 2 = 50mΩ × (5A)2 = 1.25W. For a linear response, operate
the shunt resistor at no more than 2/3 of the rated power. Therefore, a shunt resistor with a nominal power rating
of approximately 1.8W is selected.
Select a lower shunt resistor value if transient overcurrents are expected in the system that exceed the linear
input voltage range of the AMC0106M25. However, if reduced linearity and lower resolution is acceptable for
the overcurrent range, allow the voltage drop across the shunt to exceed the linear input voltage range up to
the clipping voltage of the AMC0106M25. In any case, make sure the voltage drop caused by the maximum
overcurrent does not exceed the input voltage that causes a clipping output. That is, make sure |VSHUNT| ≤
|VClipping|.
AMC0106M25
SBASAX1 – AUGUST 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com