Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PWR.B Datasheet(PDF) 16 Page - Texas Instruments

Part # CDCE925PWR.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWR.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCE925PWR.B Datasheet HTML 12Page - Texas Instruments CDCE925PWR.B Datasheet HTML 13Page - Texas Instruments CDCE925PWR.B Datasheet HTML 14Page - Texas Instruments CDCE925PWR.B Datasheet HTML 15Page - Texas Instruments CDCE925PWR.B Datasheet HTML 16Page - Texas Instruments CDCE925PWR.B Datasheet HTML 17Page - Texas Instruments CDCE925PWR.B Datasheet HTML 18Page - Texas Instruments CDCE925PWR.B Datasheet HTML 19Page - Texas Instruments CDCE925PWR.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
P
S
P
SCL
SDA
VIH
VIL
VIH
VIL
A
Bit7(MSB)
Bit6
Bit0(LSB)
tw(SCLL)
tw(SCLH)
tr
tf
tsu(START)
th(START)
tsu(SDA)
th(SDA)
t(BUS)
tr
tf
tsu(STOP)
16
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Address bits A0 and A1 are programmable through the SDA/SCL bus (byte 01, bit [1:0]. This allows addressing up to four devices
connected to the same SDA/SCL bus. The least-significant bit of the address byte designates a write or read operation.
Figure 8. Timing Diagram for SDA/SCL Serial Control Interface
9.3.4 Data Protocol
The device supports Byte Write and Byte Read and Block Write and Block Read operations.
For Byte Write/Read operations, the system controller can individually access addressed bytes.
For Block Write/Read operations, the bytes are accessed in sequential order from lowest to highest byte (with
most-significant bit first) with the ability to stop after any complete byte has been transferred. The numbers of
bytes read out are defined by byte count in the generic configuration register. At the Block Read instruction, all
bytes defined in the byte count must be read out to finish the read cycle correctly.
Once a byte has been sent, it is written into the internal register and is effective immediately. This applies to
each transferred byte regardless of whether this is a Byte Write or a Block Write sequence.
If the EEPROM write cycle is initiated, the internal SDA registers are written into the EEPROM. During this write
cycle, data is not accepted at the SDA/SCL bus until the write cycle is completed. However, data can be read out
during the programming sequence (Byte Read or Block Read). The programming status can be monitored by
EEPIP, byte 01h–bit 6.
The offset of the indexed byte is encoded in the command code, as described in Table 5.
Table 5. Slave Receiver Address (7 Bits)
DEVICE
A6
A5
A4
A3
A2
A1(1)
A0(1)
R/W
CDCEx913
1
1
0
0
1
0
1
1/0
CDCEx925
1
1
0
0
1
0
0
1/0
CDCEx925
1
1
0
1
1
0
1
1/0
CDCEx949
1
1
0
1
1
0
0
1/0
9.4 Device Functional Modes
9.4.1 SDA/SCL Hardware Interface
Figure 9 shows how the CDCEx925 clock synthesizer is connected to the SDA/SCL serial interface bus. Multiple
devices can be connected to the bus, but the speed may need to be reduced (400 kHz is the maximum) if many
devices are connected.
Note that the pullup resistors (RP) depend on the supply voltage, bus capacitance, and number of connected
devices. The recommended pullup value is 4.7 kΩ. It must meet the minimum sink current of 3 mA at VOLmax =
0.4 V for the output stages (for more details, see SMBus or I2C Bus specification).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com