Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PWR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # CDCE925PWR.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCE925PWR.B Datasheet HTML 7Page - Texas Instruments CDCE925PWR.B Datasheet HTML 8Page - Texas Instruments CDCE925PWR.B Datasheet HTML 9Page - Texas Instruments CDCE925PWR.B Datasheet HTML 10Page - Texas Instruments CDCE925PWR.B Datasheet HTML 11Page - Texas Instruments CDCE925PWR.B Datasheet HTML 12Page - Texas Instruments CDCE925PWR.B Datasheet HTML 13Page - Texas Instruments CDCE925PWR.B Datasheet HTML 14Page - Texas Instruments CDCE925PWR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LVCMOS
LVCMOS
CDCE925
CDCEL925
Typical Driver
Impedance
~32
Line Impedance
Zo = 50
Series
Termination
~18
Copyright © 2016, Texas Instruments Incorporated
10 pF
LVCMOS
CDCE925
CDEL925
1 k
1 k
Copyright © 2016, Texas Instruments Incorporated
11
CDCE925, CDCEL925
www.ti.com
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 4. Test Load
Figure 5. Test Load for 50-Ω Board Environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com