Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PWR.B Datasheet(PDF) 25 Page - Texas Instruments

Part # CDCE925PWR.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWR.B Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDCE925PWR.B Datasheet HTML 21Page - Texas Instruments CDCE925PWR.B Datasheet HTML 22Page - Texas Instruments CDCE925PWR.B Datasheet HTML 23Page - Texas Instruments CDCE925PWR.B Datasheet HTML 24Page - Texas Instruments CDCE925PWR.B Datasheet HTML 25Page - Texas Instruments CDCE925PWR.B Datasheet HTML 26Page - Texas Instruments CDCE925PWR.B Datasheet HTML 27Page - Texas Instruments CDCE925PWR.B Datasheet HTML 28Page - Texas Instruments CDCE925PWR.B Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
VCO
IN
N
f
f
M
=
´
IN
OUT
f
N
f
Pdiv
M
=
´
25
CDCE925, CDCEL925
www.ti.com
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 16. Modulation Frequency (fm) and Modulation Amount
10.2.2 Detailed Design Procedure
10.2.2.1 Spread Spectrum Clock (SSC)
Spread spectrum modulation is a method to spread emitted energy over a larger bandwidth. In clocking, spread
spectrum can reduce Electromagnetic Interference (EMI) by reducing the level of emission from clock distribution
network.
CDCS502 with a 25-MHz Crystal, FS = 1, fOUT = 100 MHz, and 0%, ±0.5, ±1%, and ±2% SSC
Figure 17. Comparison Between Typical Clock Power Spectrum and Spread-Spectrum Clock
10.2.2.2 PLL Multiplier/Divider Definition
At a given input frequency (ƒIN), the output frequency (ƒOUT) of the CDCEx925 is calculated with Equation 1.
where
•
M (1 to 511) and N (1 to 4095) are the multiplier/divide values of the PLL
•
Pdiv (1 to 127) is the output divider
(1)
The target VCO frequency (ƒVCO) of each PLL is calculated with Equation 2.
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com