Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PWR.B Datasheet(PDF) 24 Page - Texas Instruments

Part # CDCE925PWR.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWR.B Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDCE925PWR.B Datasheet HTML 20Page - Texas Instruments CDCE925PWR.B Datasheet HTML 21Page - Texas Instruments CDCE925PWR.B Datasheet HTML 22Page - Texas Instruments CDCE925PWR.B Datasheet HTML 23Page - Texas Instruments CDCE925PWR.B Datasheet HTML 24Page - Texas Instruments CDCE925PWR.B Datasheet HTML 25Page - Texas Instruments CDCE925PWR.B Datasheet HTML 26Page - Texas Instruments CDCE925PWR.B Datasheet HTML 27Page - Texas Instruments CDCE925PWR.B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
25 MHz
25 MHz
FPGA
48 MHz
25 MHz
100 MHz
WiFi
40 MHz
Crystals + Oscillators
Crystals:4
Oscillators: 2
Clock: None
1 x Crystal + 1 x Clock
Crystals: 1
Oscillators: None
Clock: 1
USB
Controller
USB
Controller
DP838xx
10/100 PHY
DP838xx
10/100 PHY
CDCE(L)9xx
Clock
WiFi
FPGA
25 MHz
Copyright © 2016, Texas Instruments Incorporated
24
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The CDCEx925 device is an easy-to-use high-performance, programmable CMOS clock synthesizer. it can be
used as a crystal buffer, clock synthesizer with separate output supply pin. The CDCEx925 features an on-chip
loop filter and Spread-spectrum modulation. Programming can be done through SPI, pin-mode, or using on-chip
EEPROM. This section shows some examples of using CDCEx925 in various applications.
10.2 Typical Application
Figure 15 shows the use of the CDCEx925 devices for replacement of crystals and crystal oscillators on a
Gigabit Ethernet Switch application.
Figure 15. Crystal and Oscillator Replacement Example
10.2.1 Design Requirements
CDCEx925 supports spread spectrum clocking (SSC) with multiple control parameters:
•
Modulation amount (%)
•
Modulation frequency (>20 kHz)
•
Modulation shape (triangular)
•
Center spread / down spread (± or –)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com