Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN5015H-8I Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN5015H-8I
Description  50 A 800 V high temperature SCR thyristors in insulated TO-220I package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN5015H-8I Datasheet(HTML) 5 Page - STMicroelectronics

  TN5015H-8I Datasheet HTML 1Page - STMicroelectronics TN5015H-8I Datasheet HTML 2Page - STMicroelectronics TN5015H-8I Datasheet HTML 3Page - STMicroelectronics TN5015H-8I Datasheet HTML 4Page - STMicroelectronics TN5015H-8I Datasheet HTML 5Page - STMicroelectronics TN5015H-8I Datasheet HTML 6Page - STMicroelectronics TN5015H-8I Datasheet HTML 7Page - STMicroelectronics TN5015H-8I Datasheet HTML 8Page - STMicroelectronics TN5015H-8I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 7. Relative variation of static dV/dt immunity
versus junction temperature
0
1
2
3
4
5
25
50
75
100
125
150
dV/dt [Tj] / dV/dt [Tj=150 °C]
VD= 536 V
Tj(°C)
Figure 8. Surge peak on-state current versus number of
cycles
0
100
200
300
400
500
600
1
10
100
1000
ITSM(A)
Number of cycles
Non repetitive
Tj initial = 25 °C
Repetitive
TC = 75 °C
Figure 9. Non repetitive surge peak on-state current for a
sinusoidal pulse with width tp < 10 ms
1
10
100
1000
10000
0.10
1.00
10.00
ITSM(A
)
tP(ms)
ITSM
Tj initial=25 °C
Figure 10. On-state characteristics (maximum values)
0.1
1.0
10.0
100.0
1000.0
0.0
1.0
2.0
3.0
4.0
5.0
Tj max : 150 °C
Vto = 0.85 V
Rd = 8 mW
VTM (V)
I TM(A)
Tj = 25 °C
Tj = 150 °C
Figure 11. Relative variation of leakage current versus
junction temperature
1.E-02
1.E-01
1.E+00
25
50
75
100
125
150
IDRM, IRRM [VDRM, VRRM, TJ] / IDRM, IRRM,[TJ = 150 °C]
V DRM
= V
RRM
= 800
V
Tj(°C)
Figure 12. Recommended maximum case-to-ambient
thermal resistance versus ambient temperature for
different peak off-state voltages
0
10
20
30
40
50
60
70
80
90
20
30
40
50
60
70
80
90
100
110
120
130
140
150
VDRM= VRRM = 600 V
Rth(c-a) (°C/W)
Typ 60 °C/W (Without heatsink)
Typ 25 °C/W (With heatsink)
Ta (°C)
VDRM= VRRM = 800 V
VDRM= VRRM = 400 V
VDRM= VRRM = 200 V
TN5015H-8I
Characteristics
DS14475 - Rev 2
page 5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com