Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN5015H-8I Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN5015H-8I
Description  50 A 800 V high temperature SCR thyristors in insulated TO-220I package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN5015H-8I Datasheet(HTML) 3 Page - STMicroelectronics

  TN5015H-8I Datasheet HTML 1Page - STMicroelectronics TN5015H-8I Datasheet HTML 2Page - STMicroelectronics TN5015H-8I Datasheet HTML 3Page - STMicroelectronics TN5015H-8I Datasheet HTML 4Page - STMicroelectronics TN5015H-8I Datasheet HTML 5Page - STMicroelectronics TN5015H-8I Datasheet HTML 6Page - STMicroelectronics TN5015H-8I Datasheet HTML 7Page - STMicroelectronics TN5015H-8I Datasheet HTML 8Page - STMicroelectronics TN5015H-8I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Table 3. Static characteristics
Symbol
Test conditions
Value
Unit
VTM
ITM = 100 A, tp = 380 µs
Tj = 25 °C
Max.
1.55
V
VTO
Threshold voltage
Tj = 150 °C
Max.
0.85
RD
Dynamic resistance
Tj = 150 °C
Max.
8
mΩ
IDRM, IRRM
VD = VDRM = VRRM
Tj = 25 °C
Max.
2.5
µA
Tj = 150 °C
12
mA
Table 4. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
Max.
1.6
°C/W
Rth(j-a)
Junction to ambient
Typ.
60
TN5015H-8I
Characteristics
DS14475 - Rev 2
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com