Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN5015H-8I Datasheet(PDF) 7 Page - STMicroelectronics

Part # TN5015H-8I
Description  50 A 800 V high temperature SCR thyristors in insulated TO-220I package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN5015H-8I Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TN5015H-8I Datasheet HTML 2Page - STMicroelectronics TN5015H-8I Datasheet HTML 3Page - STMicroelectronics TN5015H-8I Datasheet HTML 4Page - STMicroelectronics TN5015H-8I Datasheet HTML 5Page - STMicroelectronics TN5015H-8I Datasheet HTML 6Page - STMicroelectronics TN5015H-8I Datasheet HTML 7Page - STMicroelectronics TN5015H-8I Datasheet HTML 8Page - STMicroelectronics TN5015H-8I Datasheet HTML 9Page - STMicroelectronics TN5015H-8I Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Table 5. TO-220AB package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90
0.5984
0.6260
a1
3.75
0.1476
a2
13.00
14.00
0.5118
0.5512
B
10.00
10.40
0.3937
0.4094
b1
0.61
0.88
0.0240
0.0346
b2
1.23
1.32
0.0484
0.0520
C
4.40
4.60
0.1732
0.1811
c1
0.49
0.70
0.0193
0.0276
c2
2.40
2.72
0.0945
0.1071
e
2.40
2.70
0.0945
0.1063
F
6.20
6.60
0.2441
0.2598
I
3.73
3.88
0.1469
0.1528
L
2.65
2.95
0.1043
0.1161
I2
1.14
1.70
0.0449
0.0669
I3
1.14
1.70
0.0449
0.0669
I4
15.80
16.40
16.80
0.6220
0.6457
0.6614
M
2.6
0.1024
1. Inch dimensions are for reference only.
TN5015H-8I
Package information
DS14475 - Rev 2
page 7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com