Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN5015H-8I Datasheet (PDF) - STMicroelectronics

TN5015H-8I Datasheet PDF - STMicroelectronics
Part # TN5015H-8I
Download  TN5015H-8I Download
File Size   539.93 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 A 800 V high temperature SCR thyristors in insulated TO-220I package

TN5015H-8I Datasheet (PDF)

Go To PDF Page Download Datasheet
TN5015H-8I Datasheet PDF - STMicroelectronics

Part # TN5015H-8I
Download  TN5015H-8I Click to download

File Size   539.93 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 A 800 V high temperature SCR thyristors in insulated TO-220I package

TN5015H-8I Datasheet (HTML) - STMicroelectronics


TN5015H-8I Product details

Features
• High junction temperature: Tj
= 150 °C
• 800 V VDRM / VRRM
• 900 V VDSM / VRSM
• Low IGT: 15 mA
• High static immunity dV/dt = 1000 V/μs at 150 °C
• High turn-on rise dI/dt at 200 A/μs
• Halogen-free molding, lead-free plating
• ECOPACK2 compliant
• Insulated package TO-220AB:
– Insulated voltage: 2500 VRMS
– Complies with UL 1554 (file ref. 81734)

Application
• Inrush current limiting circuits in AC/DC converters
• General purpose AC line load switching
• Heating resistor control, solid state relays




Similar Part No. - TN5015H-8I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN5015H-8G STMICROELECTRONICS-TN5015H-8G Datasheet
560Kb / 12P
50 A 800 V high temperature SCR thyristors in D²PAK package
30-Apr-2024
More results


Similar Description - TN5015H-8I

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
logo
STMicroelectronics
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
151Kb / 9P
50 A – 1200 V non insulated SCR thyristor
14-Jun-2013
T2535T-8I STMICROELECTRONICS-T2535T-8I Datasheet
242Kb / 11P
25 A - 800 V - T-series Triac in TO-220AB insulated
23-Sep-2020
logo
Littelfuse
SV6016DX LITTELFUSE-SV6016DX Datasheet
747Kb / 6P
Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
logo
STMicroelectronics
TN1610H-6I STMICROELECTRONICS-TN1610H-6I Datasheet
224Kb / 10P
16 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2010H-6I STMICROELECTRONICS-TN2010H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2015H-6I STMICROELECTRONICS-TN2015H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
TN1605H-8G STMICROELECTRONICS-TN1605H-8G Datasheet
393Kb / 11P
16 A 800 V high temperature SCR thyristor in D²PAK package
05-Dec-2022
TN1605H-8I STMICROELECTRONICS-TN1605H-8I Datasheet
348Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB insulated package
05-Dec-2022
TN1605H-8T STMICROELECTRONICS-TN1605H-8T Datasheet
383Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB package
05-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com