Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2736 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 17Page - Texas Instruments LM2736 Datasheet HTML 18Page - Texas Instruments LM2736 Datasheet HTML 19Page - Texas Instruments LM2736 Datasheet HTML 20Page - Texas Instruments LM2736 Datasheet HTML 21Page - Texas Instruments LM2736 Datasheet HTML 22Page - Texas Instruments LM2736 Datasheet HTML 23Page - Texas Instruments LM2736 Datasheet HTML 24Page - Texas Instruments LM2736 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C2
R1
R2
D1
ON
OFF
D2
D3
C1
R3
LM2736
www.ti.com
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
8.2.5 LM2736X (1.6 MHz) VBOOST Derived from Series Zener Diode (VOUT) 15 V to 9 V / 750 mA
Figure 25.
8.2.5.1 Design Requirements
In applications where both VIN and VOUT are greater than 5.5 V, or less than 3 V, CBOOST cannot be charged
directly from these voltages. If VIN and VOUT are greater than 5.5 V, CBOOST can be charged from VOUT minus a
zener voltage by placing a zener diode D3 in series with D2.
8.2.5.2 Detailed Design Procedure
Table 5. Bill of Materials for Figure 25
PART ID
PART VALUE
PART NUMBER
MANUFACTURER
U1
750mA Buck Regulator
LM2736X
TI
C1, Input Cap
10µF, 25V, X7R
C3225X7R1E106M
TDK
C2, Output Cap
22µF, 16V, X5R
C3216X5R1C226M
TDK
C3, Boost Cap
0.01µF, 16V, X7R
C1005X7R1C103K
TDK
D1, Catch Diode
0.4VF Schottky 1A, 30VR
SS1P3L
Vishay
D2, Boost Diode
1VF @ 50mA Diode
1N4148W
Diodes, Inc.
D3, Zener Diode
4.3V 350mw SOT
BZX84C4V3
Diodes, Inc.
L1
6.8µH, 1.6A,
SLF7032T-6R8M1R6
TDK
R1
61.9k
Ω, 1%
CRCW06036192F
Vishay
R2
10k
Ω, 1%
CRCW06031002F
Vishay
R3
100k
Ω, 1%
CRCW06031003F
Vishay
Please refer to Detailed Design Procedures.
8.2.5.3 Application Curves
Please refer to Application Curves
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com