Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2736 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments LM2736 Datasheet HTML 14Page - Texas Instruments LM2736 Datasheet HTML 15Page - Texas Instruments LM2736 Datasheet HTML 16Page - Texas Instruments LM2736 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C2
R1
R2
D1
D2
ON
OFF
C1
R3
VIN
BOOST
SW
GND
L
D1
D2
D3
R3
C4
VBOOST
CBOOST
VZ
VIN
CIN
COUT
VOUT
LM2736
www.ti.com
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
Application Information (continued)
Figure 14. Boost Voltage Supplied from the Shunt Zener on VIN
8.2 Typical Applications
8.2.1 LM2736X (1.6 MHz) VBOOST Derived from VIN 5 V to 1.5 V / 750 mA
Figure 15. LM2736X (1.6 MHz) VBOOST Derived from VIN 5 V to 1.5 V / 750 mA
8.2.1.1 Design Requirements
Derive charge for VBOOST from the input supply (VIN). VBOOST – VSW should not exceed the maximum operating
limit of 5.5 V.
8.2.1.2 Detailed Design Procedures
Table 1. Bill of Materials for Figure 15
PART ID
PART VALUE
PART NUMBER
MANUFACTURER
U1
750 mA Buck Regulator
LM2736X
TI
C1, Input Cap
10-µF, 6.3V, X5R
C3216X5ROJ106M
TDK
C2, Output Cap
10-µF, 6.3V, X5R
C3216X5ROJ106M
TDK
C3, Boost Cap
0.01-uF, 16V, X7R
C1005X7R1C103K
TDK
D1, Catch Diode
0.3 VF Schottky 1 A, 10 VR
MBRM110L
ON Semi
D2, Boost Diode
1 VF @ 50 mA Diode
1N4148W
Diodes, Inc.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com