Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2736 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments LM2736 Datasheet HTML 14Page - Texas Instruments LM2736 Datasheet HTML 15Page - Texas Instruments LM2736 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
VIN
BOOST
SW
GND
CBOOST
L
D1
D2
D3
VBOOST
VIN
CIN
COUT
VOUT
LM2736
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
www.ti.com
Application Information (continued)
VIN - 0.2 V
(5)
An alternate method for charging CBOOST is to connect D2 to the output as shown in Figure 12. The output
voltage should be between 2.5 V and 5.5 V, so that proper gate voltage will be applied to the internal switch. In
this circuit, CBOOST provides a gate drive voltage that is slightly less than VOUT.
In applications where both VIN and VOUT are greater than 5.5 V, or less than 3 V, CBOOST cannot be charged
directly from these voltages. If VIN and VOUT are greater than 5.5 V, CBOOST can be charged from VIN or VOUT
minus a zener voltage by placing a zener diode D3 in series with D2, as shown in Figure 13. When using a
series zener diode from the input, ensure that the regulation of the input supply doesn’t create a voltage that falls
outside the recommended VBOOST voltage.
(VINMAX – VD3) < 5.5 V
(6)
(VINMIN – VD3) > 1.6 V
(7)
Figure 13. Zener Reduces Boost Voltage from VIN
An alternative method is to place the zener diode D3 in a shunt configuration as shown in Figure 14. A small 350
mW to 500 mW 5.1 V zener in a SOT or SOD package can be used for this purpose. A small ceramic capacitor
such as a 6.3 V, 0.1 µF capacitor (C4) should be placed in parallel with the zener diode. When the internal
NMOS switch turns on, a pulse of current is drawn to charge the internal NMOS gate capacitance. The 0.1 µF
parallel shunt capacitor ensures that the VBOOST voltage is maintained during this time.
Resistor R3 should be chosen to provide enough RMS current to the zener diode (D3) and to the BOOST pin. A
recommended choice for the zener current (IZENER) is 1 mA. The current IBOOST into the BOOST pin supplies the
gate current of the NMOS control switch and varies typically according to the following formula for the X -
version:
IBOOST = 0.49 x (D + 0.54) x (VZENER – VD2) mA
(8)
IBOOST can be calculated for the Y version using the following:
IBOOST = 0.20 x (D + 0.54) x (VZENER - VD2) µA
(9)
where D is the duty cycle, VZENER and VD2 are in volts, and IBOOST is in milliamps. VZENER is the voltage applied to
the anode of the boost diode (D2), and VD2 is the average forward voltage across D2. Note that this formula for
IBOOST gives typical current. For the worst case IBOOST, increase the current by 40%. In that case, the worst case
boost current will be
IBOOST-MAX = 1.4 x IBOOST
(10)
R3 will then be given by
R3 = (VIN - VZENER) / (1.4 x IBOOST + IZENER)
(11)
For example, using the X-version let VIN = 10 V, VZENER = 5 V, VD2 = 0.7 V, IZENER = 1 mA, and duty cycle D =
50%. Then
IBOOST = 0.49 x (0.5 + 0.54) x (5 - 0.7) mA = 2.19mA
(12)
R3 = (10 V - 5 V) / (1.4 x 2.19 mA + 1 mA) = 1.23 k
Ω
(13)
12
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com