Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477AMM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3477AMM/NOPB
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3477AMM/NOPB Datasheet HTML 10Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 11Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 12Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 13Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 14Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 15Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 16Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 17Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
SHUTDOWN
INPUT
ON
OFF
0
+5V
VCC
COMP/SD
LM3477
COMP/SD
LM3477
SHUTDOWN
INPUT
OFF
ON
0
+5V
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Figure 23. Implementing Shutdown in LM3477
Figure 24. Implementing Shutdown in LM3477
Design Section
GENERAL
Power supply design involves making tradeoffs. To achieve performance specifications, limitations will be set on
component selection. The LM3477/A provides many degrees of flexibility in choosing external components to
accommodate various performance/component selection optimizations. For example, the internal slope
compensation can be externally increased to allow smaller inductances to be used. The design procedures that
follow provide instruction on how to select the external components in a typical LM3477/A buck circuit in
continuous conduction mode, as well as aid in the optimization of performance and/or component selection. See
Figure 25 for component reference and typical circuit. The LM3477/A may also be designed to operate in
discontinuous conduction mode.
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com