Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477AMM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3477AMM/NOPB
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3477AMM/NOPB Datasheet HTML 17Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 18Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 19Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 20Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 21Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 22Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 23Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 24Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
VIN(MIN)
VOUT
Dmax
|
PCOND(MAX) = I
2D
MAX 1+
'
i(PK-PK)
>
@
1
12
I
2
RDS(ON)
VOS(MAX)-
VOS(MAX)
2 - ('IOUT(MAX) x RESR)2
COUT(MIN)=
(VOUT) RESR
2
(F)
L
'V
q
'V
r
'V
c
Time
0
t
peak
LM3477
www.ti.com
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
Figure 30. Output Voltage Overshoot Peak
The intention is to find the capacitance value that will yield, at tpeak, a ΔVC that equals VOS(max). Substituting tpeak
for t and equating
ΔVC to VOS(max) gives the following solution for COUT(MIN):
(29)
The chosen output capacitance should not be less than 47µF, even if the solution for COUT(MIN) is less than 47µF.
Notice it is already assumed that the total ESR is no greater than RESR(MAX), otherwise the term under the square
root will be a negative number.
Power Mosfet Selection
The drive pin of LM3477/A must be connected to the gate of an external MOSFET. In a buck topology, the drain
of the external N-Channel MOSFET is connected to the input and the source is connected to the inductor. The
CB pin voltage provides the gate drive needed for an external N-Channel MOSFET. The gate drive voltage
depends on the input voltage (see Typical Performance Characteristics). In most applications, a logic level
MOSFET can be used. For very low input voltages, a sub-logic level MOSFET should be used.
The selected MOSFET directly controls the efficiency. The critical parameters for selection of a MOSFET are:
1. Minimum threshold voltage, VTH(MIN)
2. On-resistance, RDS(ON)
3. Total gate charge, Qg
4. Reverse transfer capacitance, CRSS
5. Maximum drain to source voltage, VDS(MAX)
The off-state voltage of the MOSFET is approximately equal to the input voltage. VDS(MAX) of the MOSFET must
be greater than the input voltage. The power losses in the MOSFET can be categorized into conduction losses
and ac switching or transition losses. RDS(ON) is needed to estimate the conduction losses. The conduction loss,
PCOND, is the I
2R loss across the MOSFET. The maximum conduction loss is given by:
(30)
where DMAX is the maximum operating duty cycle:
(31)
The turn-on and turn-off transition times of a MOSFET from the MOSFET specifications require tens of nano-
seconds. CRSS and Qg are needed from the MOSFET specifications to estimate the large instantaneous power
loss that occurs during these transitions.
The average amount of gate current required to turn the MOSFET on can be calculated using the formula:
IG = Qg.FS
(32)
The required gate drive power to turn the MOSFET on is equal to the switching frequency times the energy
required to deliver the charge to bring the gate charge voltage to VDR (see Electrical Characteristics and Typical
Performance Characteristics for the drive voltage specification).
PDrive = FS.Qg.VDR
(33)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com