Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477AMM/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM3477AMM/NOPB
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMM/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3477AMM/NOPB Datasheet HTML 20Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 21Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 22Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 23Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 24Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 25Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 26Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 27Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
fS
2
<
fESR
3.16
2SfCRC
d
d
CC1
1
2Sfp1RC
RC =
fC x RGM
ADC x GM x RGM x H x fP1 - fC
:
Q =
1
S mc x D' - 0.5)
fESR =
2SCOUTRESR
1
(Hz)
1
COUTR
fp1 =
+
(mc x D' - 0.5)
1
fsLCOUT
1
2S
(Hz)
VIND' x 1.8RSN
L
Sn =
mc = 1+
Se
Sn
R
1.8RSN
R
fSL
mc x D' - 0.5
ADC =
1
1+
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
(37)
(38)
Se = fS(VSL + 50x10
−6 R
SL)
(39)
(40)
(41)
(42)
(43)
With the power stage known, a compensator can be designed to achieve improved performance and stability.
The LM3477/A will typically require only a single resistor and capacitor for compensation, but depending on the
power stage it could require three or four external components.
It is a good idea to check that Q is between 0.15 and 2, if it was not already done when selecting the inductor. If
Q is less than 0.15 or greater than 2, skip to SAMPLING POLE QUALITY FACTOR before continuing with the
compensator design.
First, a target crossover frequency (fc) for the loop gain must be selected. The crossover frequency is the
bandwidth of the converter. A higher bandwidth generally corresponds to faster response times and lower
overshoots to load transients. However, the bandwidth should not be much higher than 1/10 the switching
frequency. The LM3477/A operates with a 500kHz switching frequency, so it is recommended to choose a
crossover frequency between 10kHz - 50kHz.
The schematic of the LM3477/A compensator is shown in Figure 32. The default design uses Rc and CC1 to form
a lag (type 2) compensator. The CC2 capacitor can be added to form an additional pole that is typically used to
cancel out the esr zero of the output capacitor. Finally, if extra phase margin is needed, the Cff capacitor can be
added (this does not help at low output voltages, see below).
The strategy taken here for choosing Rc and CC1 is to set the crossover frequency with Rc, and set the
compensator zero with CC1. Using the selected target crossover frequency, fC, set RC to:
(44)
fC = Crossover frequency in Hertz (20kHz - 50kHz is recommended)
RGM = 50x10
3Ω
GM = 1000x10−6 A/V
The compensator zero, fZ1, is set with CC1. When fast transient responses are desired, fZ1 should be placed as
high as possible, however it should not be higher than the selected crossover frequency fC. The guideline
proposed here is to choose CC1 such that fZ1 falls somewhere between the power pole fP1 and ½ decade before
the selected crossover frequency fc:
(45)
In this compensation scheme, the pole created by CC2 is used to cancel out the zero created by the ESR of the
output capacitor. In other schemes such as the methods discussed in SAMPLING POLE QUALITY FACTOR, the
ESR zero is used. For the typical case, use CC2 if:
(46)
24
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com