Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477AMM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3477AMM/NOPB
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3477AMM/NOPB Datasheet HTML 1Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 2Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 3Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 4Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 5Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 6Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 7Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 8Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM3477
www.ti.com
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
Check for Samples: LM3477
1
FEATURES
DESCRIPTION
The LM3477/A is a high-side N-channel MOSFET
2
•
500kHz Switching Frequency
switching regulator controller. It can be used in
•
Adjustable Current Limit
topologies requiring a high side MOSFET such as
•
1.5% Reference
buck, inverting (buck-boost) and zeta regulators. The
LM3477/A's
internal
push
pull
driver
allows
•
Thermal Shutdown
compatibility with a wide range of MOSFETs. This,
•
Frequency Compensation Optimized with a
the wide input voltage range, use of discrete power
Single Capacitor and Resistor
components and adjustable current limit allows the
•
Internal Softstart
LM3477/A to be optimized for a wide variety of
applications.
•
Current Mode Operation
•
Undervoltage Lockout with Hysteresis
The LM3477/A uses a high switching frequency of
500kHz to reduce the overall solution size. Current-
•
8-lead (VSSOP-8) Package
mode control requires only a single resistor and
capacitor for frequency compensation. The current
APPLICATIONS
mode architecture also yields superior line and load
•
Local Voltage Regulation
regulation and cycle-by-cycle current limiting. A 5µA
shutdown state can be used for power savings and
•
Distributed Power
for power supply sequencing. Other features include
•
Notebook and Palmtop Computers
internal soft-start and output over voltage protection.
•
Internet Appliances
The internal soft-start reduces inrush current. Over
voltage protection is a safety feature to ensure that
•
Printers and Office Automation
the output voltage stays within regulation.
•
Battery operated Devices
The LM3477A is similar to the LM3477. The primary
•
Cable Modems
difference between the two is the point at which the
•
Battery Chargers
device transitions into hysteretic mode. The hysteretic
threshold of the LM3477A is one-third of the LM3477.
Hysteretic Threshold(1)
LM3477
≊ 36% of programmed current limit
LM3477A
≊ 12% of programmed current limit
(1)
See Hysteretic Threshold and PROGRAMMING THE
CURRENT LIMIT/HYSTERETIC THRESHOLD for more
information.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3477AMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3477AMM/NOPB TI-LM3477AMM/NOPB Datasheet
1Mb / 35P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
More results

Similar Description - LM3477AMM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com