Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB2DF Datasheet(PDF) 34 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 34 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 30Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 31Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 32Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 33Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 34Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 35Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 36Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 37Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 38Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 234 page
background image
Low VCEsat transistors PNP - N-channel MOSFET combination
Automotive-qualified
Package
DFN2020-6
(SOT1118)
Size (mm)
2.0 x 2.0 x 0.62
P
tot (mW)
1300
V
CEO
(V)
I
C
(A)
h
FE
min
h
FE
max
@ I
C
(mA)
@ V
CE
(V)
R
CEsat typ
(mΩ)
V
DS
(V)
V
GS
(V)
I
D
(A)
R
Dson typ
(mΩ)
40
2
300
800
100
5
240
30
0.7
0.66
390
PBSM5240PF
100
-
100
5
240
30
0.7
0.66
390
PBSM5240PFH
Low V
CEsat transistors
Package
LFPAK56
(SOT669)
Size (mm)
5 x 6 x 1.1
P
tot (mW)
1250
V
CEO
(V)
I
C
(A)
I
CM
[max] (A)
h
FE
min/typ
@ I
C
(A)
@ V
CE
(V)
Polarity
Automotive-
qualified
40
6
14
200 / 400
0.5
2
NPN
Yes
PHPT60406NY
12
0.5
2
PNP
Yes
PHPT60406PY
10
20
200 / 400
0.5
2
NPN
Yes
PHPT60410NY
0.5
2
PNP
Yes
PHPT60410PY
15
30
200 / 400
0.5
2
NPN
Yes
PHPT60415NY
0.5
2
PNP
Yes
PHPT60415PY
60
3
8
200 / 400
0.5
2
NPN
Yes
PHPT60603NY
0.5
2
PNP
Yes
PHPT60603PY
6
14
200 / 400
0.5
2
NPN
Yes
PHPT60606NY
12
150 / 250
0.5
2
PNP
Yes
PHPT60606PY
10
20
200 / 400
0.5
2
NPN
Yes
PHPT60610NY
150 / 250
0.5
2
PNP
Yes
PHPT60610PY
100
2
6
150 / 250
0.5
10
NPN
No
PHPT61002NYC
150 / 220
0.5
10
PNP
No
PHPT61002PYC
120/220
0.5
10
NPN
No
PHPT61002NYCLH
5
100/180
0.5
10
PNP
No
PHPT61002PYCLH
3
8
150 / 250
0.5
10
NPN
Yes
PHPT61003NY
150 / 220
0.5
10
PNP
Yes
PHPT61003PY
6
12
150 / 250
0.5
10
NPN
Yes
PHPT61006NY
150 / 220
0.5
10
PNP
Yes
PHPT61006PY
10
20
150 / 250
0.5
10
NPN
Yes
PHPT61010NY
150 / 220
0.5
10
PNP
Yes
PHPT61010PY
Low VCEsat power transistors single (175oC capable)
Nexperia selection guide 2020
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com