Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB2DF Datasheet(PDF) 18 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 18 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 14Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 15Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 16Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 17Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 18Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 19Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 20Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 21Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 22Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 234 page
background image
Transistors single PNP
Automotive-qualified
Package
SOT23
SOT323
(SC-70)
DFN1010D-3
(SOT1215)
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
DFN1110D-3
(SOT8015)
DFN1412D-3
(SOT8009)
Size (mm)
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
1.1 x 1.0 x 0.37
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
1.1 x 1.0 x 0.47
1.4 x 1.2 x 0.47
P
tot (mW)
250
200
750
250
250
280
325
V
CEO (V)
I
C (mA)
h
FE min/typ hFE max
f
T min (MHz)
25
100
450
1200
100
PMST5089
30
100
110 - 200
450 - 800
100
BC848B
BC848W
350
900
100
PMST5088
32
100
110 - 420
220 - 800
100
BCW31 / 32 / 33
180 - 380
310 - 630
250
BCW60B / C / D
45
100
110 - 420
220 - 800
100
BC847 / A / B / C
BC847W / AW / BW
/ CW
BC847AQA /
BQA / CQA
BC847AM /
BM / CM
BC847AMB /
BMB / CMB
BC847AQB /
BQB / CQB
BC847AQC /
BQC / CQC
120 - 380
220 - 630
100
BCX70G / H / J / K
110 - 200
220 - 450
100
BCW71 / 72
500
1250
100
PMBT6429
PMST6429
50
100
210 - 290
340 - 460
100 - 150
2PD601ART
2PD601ARL
2PD601ASL
2PD601ARW / SW
250
650
100
PMBT6428
PMST6428
60
100
110 - 200
220 - 450
100
BCV71 / 72
65
100
110 - 200
220 - 450
100
BC846 / A / B
BC846W / AW
/ BW
BC846BM
BC846BMB
50
150
120 - 200
240 - 400
80
NXP3875Y / G
150
120 - 270
270 - 560
100
2PC4081Q / R / S
2PC4617QM / RM
2PC4617QMB/
RMB
200
210
340
100
2PD601BRL
290
460
100
2PD601BSL
45
500
100 - 250
250 - 600
100
BC817 / -16 /
-25 / -40
BC817W / -16W /
-25W / -40W
BC817-25QA /
-40QA
BC817-16QB /
-25QB / -40QB
BC817-16QC /
-25QC / -40QC
100
600
100
BCX19
50
500
85 - 170
170 - 340
140 - 180
2PD602AQL
2PD602ARL
2PD602ASL
2PD1820AR / S
60
500
50
-
100
PMSTA05
80
500
100
-
50
PMBTA06
PMSTA06
80
500
100 -160
250 -400
100
BC816-16 / -25 BC816-16W /-25W
45
800
100-250
250-600
100
BCW66F/G/H
30
100
125 - 220
500 - 800
100
BC858B
BC858W
Automotive-qualified
Package
SOT23
SOT323
(SC-70)
DFN1010D-3
(SOT1215)
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
DFN1110D-3
(SOT8015)
DFN1412D-3
(SOT8009)
Size (mm)
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
1.1 x 1.0 x 0.37
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
1.1 x 1.0 x 0.47
1.4 x 1.2 x 0.47
P
tot (mW)
250
200
750
250
250
280
325
V
CEO (V)
I
C (mA)
h
FE min/typ hFE max
f
T min (MHz)
32
100
120 - 215
260 - 500
100
BCW29 / 30
180 - 380
310 - 630
100
BCW61B / C / D
45
100
210 - 290
340 - 460
70 - 80
2PB709ART
2PB709ARL
2PB709ASL
2PB709ARW / SW
180 - 380
310 - 630
100
BCX71H / J / K
120 - 215
260 - 500
100
BCW69 / 70
125 - 420
250 - 800
100
BC857 / A / B / C
BC857W / AW /
BW / CW
BC857AQA /
BQA / CQA
BC857AM /
BM / CM
BC857AMB /
BMB / CMB
BC857AQB /
BQB / CQB
BC857AQC /
BQC / CQC
60
100
120
260
150
BCW89
65
100
125 - 200
250 - 475
100
BC856 / A / B
BC856W / AW / BW
BC856BM
BC856BMB
100
100
30
-
50
BSS63
50
150
120 - 270
270 - 560
100
2PA1576Q / R / S
2PA1774QM /
RM / SM
2PA1774QMB /
RMB / SMB
200
210
340
100
2PB709BRL
290
460
100
2PB709BSL
25
500
100
600
80
BCX18
45
500
100 - 250
250 - 600
80
BC807 / -16 /
-25 / -40
BC807W / -16W /
-25W / -40W
BC807-25QA/
-40QA
BC807-16QB/
-25QB / -40QB
BC817-16QC/
-25QC / -40QC
100
600
80
BCX17
General purpose bipolar transistors
Transistors single NPN
Types in
bold represent new products
Types in
bold represent new products
Nexperia selection guide 2020
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com