Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB2DF Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PUSB3BB2DF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 234 page
background image
Welcome to the 2020 edition of the Nexperia Selection Guide. Here we present all our discrete and
MOSFET components, and analog & logic ICs in one single document to give you a complete overview of
our portfolio. We hope that makes it even easier for you to find the right product for your design.
Our extensive portfolio offers a wide range of general purpose devices and those that meet the stringent
standards set by the automotive industry. They are housed in some of the most advanced, industry-leading
small packages that combine power and thermal efficiency with best-in-class quality levels.
Alongside quality and efficiency, Nexperia customers value reliability and a consistent supply they can
trust. We produce consistently reliable semiconductor components at high volume (Over 90 billion
annually) and we work at every step to safeguard the long-term availability of our manufacturing
processes and products, to ensure secure supply for all our customers.
We have a long history and broad experience. That ensures we can support you with the dedicated in-
house technical support you need – from simplifying selection via quick-reference material to simple-to-
use design tools and application insights. All to help drive up efficiency in your designs.
All the functionality you need in one spot
Just like on our website, you will find the selection guide is split into our five key product areas. There is
also a dedicated section on packages, highlighting the latest package innovations and packing options.
Bipolar transistors
› Resistor-equipped, low V
CEsat and small-signal
transistors
› Standard SMD, leadless and clip-bond packages
Diodes
› Broad choice of Zener, Schottky and switching
diodes
› Ultra-small, low-profile surface-mount package
options
ESD protection, filtering and signal
conditioning
› Extensive range of protection in ultra-small form
factors
› Optimized for signal integrity, robustness and
system protection
MOSFETs
› Low R
DSon devices from < 20 V to > 200 V
› True power packages with solid wIReless-clip for
smart efficiency
Analog & logic ICs
› Comprehensive portfolio operating from 0.7 V
to 15.0 V
› Unrivalled package innovation and lowest power
logic solutions
Packages
› The next generation of packaging for volume
production
› Package cross-reference and packing options
As an innovative company we are continually adding to our product portfolio, so to discover all
our latest product information you should visit our website – www.nexperia.com
Introduction
Nexperia selection guide 2020
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com