Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB2DF Datasheet(PDF) 64 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 64 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 60Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 61Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 62Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 63Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 64Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 65Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 66Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 67Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 68Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 234 page
background image
Automotive ESD protection and TVS 
TVS diodes, 24 W/40 W
Configuration
Type
Package
Size (mm)
24
3
5.32
5.6
5.88
20
30
210
8
3
5
MMBZ5V6AL
SOT23
2.9 x 1.3 x 1.0
5.89
6.2
6.51
1
30
175
8.7
2.76
0.2
MMBZ6V2AL
4.5
6.48
6.8
7.14
1
30
150
9.6
2.5
0.3
MMBZ6V8AL
6
8.65
9.1
9.56
1
30
155
14
1.7
0.1
MMBZ9V1AL
6.5
9.5
10
10.5
1
30
130
14.2
1.7
0.02
MMBZ10VAL
40
8.5
11.4
12
12.6
1
30
110
17
2.35
0.005
MMBZ12VAL
12
14.25
15
15.75
1
30
85
21
1.9
0.005
MMBZ15VAL
13
15.2
16
16.8
1
30
76
23
1.9
0.005
MMBZ16VAL
13
15.68
16
16.32
1
30
76
23
1.9
0.005
MMBZ16VTAL
14.5
17.1
18
18.9
1
30
70
25
1.6
0.005
MMBZ18VAL
17
19
20
21
1
30
65
28
1.4
0.005
MMBZ20VAL
22
25.65
27
28.35
1
30
48
40
1
0.005
MMBZ27VAL
26
31.35
33
34.65
1
30
45
46
0.87
0.005
MMBZ33VAL
8.5
11.4
12
12.6
1
30
110
17
2.35
0.005
MMBZ12VDL
12.8
14.3
15
15.8
1
30
85
21.2
1.9
0.005
MMBZ15VDL
14.5
17.1
18
18.9
1
30
70
25
1.6
0.005
MMBZ18VCL
17
19
20
21
1
30
65
28
1.4
0.005
MMBZ20VCL
22
25.65
27
28.35
1
30
48
38
1
0.005
MMBZ27VCL
26
31.35
33
34.65
1
30
45
46
0.87
0.005
MMBZ33VCL
bra004
1
2
3
[1]
10/1000µs according to IEC 61643-321
Nexperia selection guide 2020
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com