Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 147 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 147 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 143Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 144Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 145Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 146Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 147Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 148Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 149Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 150Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 151Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 234 page
background image
Asynchronous interface analog & logic ICs
Type number
Description
V
CC(A) (V)
V
CC(B) (V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output
Load C
L
(pF)
Number
of bits
T
amb (°C)
74AVC1T1004
1-to-4 fan-out buffer
0.8 - 3.6
n.a.
CMOS/
LVTTL
±12
4.9
15
1
-40 to 125
74AVC1T8128
Single dual-supply translating 2-input NOR
with enable
0.8 - 3.6
n.a.
CMOS/
LVTTL
±12
2.4
15
1
-40 to 125
74AVC1T8832
Single dual-supply translating 2-input OR
with strobe
0.8 - 3.6
n.a.
CMOS/
LVTTL
±12
2.4
15
1
-40 to 125
74AVC16T245
16-bit dual-supply voltage-translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
16
-40 to 125
74AVC1T1022
1-to-4 fan out buffer
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
1
-40 to 125
74AVC1T45
Single dual-supply voltage-translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
1
-40 to 125
74AVC20T245
20-bit dual-supply voltage-translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
3.5
30
20
-40 to 125
74AVC2T245
2-bit dual-supply voltage-translating
transceiver
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
2
-40 to 125
74AVC2T45
Dual-bit dual-supply voltage-translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
2
-40 to 125
74AVC32T245
32-bit dual-supply voltage-translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
32
-40 to 125
74AVC4T245
4-bit dual-supply voltage-translating trans-
ceiver (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
4
-40 to 125
74AVC4T774
4-bit dual supply translating transceiver
(3-state)
0.8 - 3. 6
0.8 - 3.6
CMOS/
LVTTL
±12
3.5
15
4
-40 to 125
74AVC4T3144
4-bit dual-supply buffer/level-translator
(3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
3.5
15
4
-40 to 125
74AVC4TD245
4-bit dual-supply voltage-translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
4
-40 to 125
74AVC8T245
8-bit dual-supply voltage-translating
transceiver (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
8
-40 to 125
74AVCH16T245
16-bit dual-supply voltage-translating
transceiver with bus hold (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
16
-40 to 125
74AVCH1T45
Single dual-supply voltage-translating
transceiver with bus hold (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
1
-40 to 125
74AVCH20T245
20-bit dual-supply voltage-translating
transceiver with bus hold (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
3.5
30
20
-40 to 125
74AVCH2T45
Dual-bit dual-supply voltage-translating
transceiver with bus hold (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
2
-40 to 125
74AVCH4T245
4-bit dual-supply voltage-translating
transceiver with bus hold (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS/
LVTTL
±12
2.1
30
4
-40 to 125
74AVCH8T245
8-bit dual-supply voltage translating
transceiver with bus hold (3-state)
0.8 - 3.6
0.8 - 3.6
CMOS
±12
2.1
15
8
-40 to 125
74AXP1T125
Dual-supply buffer/line driver (3-state)
0.7 - 2.75
1.2 - 5.5
CMOS
±12
4.8
50
1
-40 to 125
74AXP1T14
Dual-supply schmitt-trigger inverter
0.7 - 2.75
1.2 - 5.5
CMOS
±12
3.4
50
1
-40 to 125
74AXP1T32
Dual-supply 2-input or gate
0.7 - 2.75
1.2 - 5.5
CMOS
±12
3.4
50
1
-40 to 125
74AXP1T34
Single dual-supply voltage-translating buffer
0.7 - 2.75
1.2 - 5.5
CMOS
±12
3.4
50
1
-40 to 125
74AXP1T57
Schmitt-trigger inputs. Dual supply
configurable multiple function gate
0.7 - 2.75
1.2 - 5.5
CMOS
±12
4.8
50
1
-40 to 85
74AXP2T08
Dual-supply 2-input AND gate
0.7 - 2.75
1.2 - 5.5
CMOS
±12
4.8
50
1
-40 to 125
74AXP2T3407
Dual-supply single buffer and single buffer
with open drain
0.7 - 2.75
1.2 - 5.5
CMOS
±12
4.8
50
1
-40 to 125
74AXP4T245
4-bit dual supply translating transceiver;
3-state
0.9 - 5.5
0.9 - 5.5
CMOS
± 12
9.1
50
4
-40 to 125
74HC4049
Hex inverter with 15 V-tolerant inputs
2.0 - 6.0
n.a.
CMOS
±5.2
8.0
50
6
-40 to 125
74HC4050
Hex buffer with 15 V-tolerant inputs
2.0 - 6.0
n.a.
CMOS
±5.2
7.0
50
6
-40 to 125
74LV1T00
Single supply 2-input translating NAND gate
1.6 - 5.5
n.a.
CMOS
±8
3.1
15
1
-40 to 125
74LV1T02
Single supply 2-input translating NOR gate
1.6 - 5.5
n.a.
CMOS
±8
3.1
15
1
-40 to 125
74LV1T04
Single supply translating inverter
1.6 - 5.5
n.a.
CMOS
±8
4.1
15
1
-40 to 125
Voltage translators (level-shifters)
Types in
bold represent new products
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com