Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 149 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 149 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 145Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 146Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 147Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 148Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 149Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 150Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 151Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 152Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 153Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 234 page
background image
Analog Switches
I/O expansion
Type
number
Description
V
CC (V)
Logic
switching
levels
R
ON (Ω)
R
ON(FLAT)
(Ω)
f(
-3dB)
(MHz)
T
HD (%)
X
talk
(dB)
T
amb (°C)
74HC4351
Single-pole, octal-throw analog switch with latch
2.0 - 10
CMOS
200
20
180
0.02
-40 to
125
74HC4851
Single-pole, octal-throw analog switch
2.0 - 10
CMOS
220
-40 to
125
74HC4852
Dual single-pole, quad-throw analog switch; TTL-enabled
2.0 - 10
CMOS
220
-40 to
125
74HCT1G66
Single-pole, single-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
118
23
180
0.04
-40 to
125
74HCT2G66
Dual single-pole, single-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
118
23
180
0.04
-60
-40 to
125
74HCT4051
Single-pole, octal-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
225
20
170
0.04
-40 to
125
74HCT4052
Dual single-pole, quad-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
225
20
170
0.04
-60
-40 to
125
74HCT4053
Triple single-pole, double-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
225
20
160
0.04
-40 to
125
74HCT4066
Quad single-pole, single-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
118
23
180
0.04
-60
-40 to
125
74HCT4067
Single-pole, 16-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
225
25
90
0.04
-40 to
125
74HCT4316
Quad single-pole, single-throw analog switch with translation;
TTL-enabled
4.5 - 5.5
TTL
400
50
150
0.8
-60
-40 to
125
74HCT4351
Single-pole, octal-throw analog switch with latch; TTL-enabled
4.5 - 5.5
TTL
225
20
170
0.04
-40 to
125
74HCT4851
Single-pole, octal-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
240
-40 to
125
74HCT4852
Dual single-pole, quad-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
240
-40 to
125
74LV4051
Single-pole, octal-throw analog switch
1.0 - 6.0
TTL
135
35
200
0.4
-60
-40 to
125
74LV4052
Dual single-pole, quad-throw analog switch
1.0 - 6.0
TTL
125
15
180
0.4
-60
-40 to
125
74LV4053
Triple single-pole, double-throw analog switch
1.0 - 6.0
TTL
150
30
180
0.4
-60
-40 to
125
74LV4066
Quad single-pole, single-throw analog switch
1.0 - 6.0
TTL
50
3.0
180
0.02
-60
-40 to
125
74LVC1G3157 Single-pole, double-throw analog switch
1.65 - 5.5
CMOS/LVTTL
15
1.5
300
0.078
-40 to
125
74LVC1G384
Single-pole, single-throw analog switch
1.65 - 5.5
CMOS/LVTTL
15
1.5
440
0.001
-40 to
125
74LVC1G53
Single-pole, double-throw analog switch
1.65 - 5.5
CMOS/LVTTL
15
1.5
300
0.078
-40 to
125
74LVC1G66
Single-pole, single-throw analog switch
1.65 - 5.5
CMOS/LVTTL
15
1.5
440
0.001
-40 to
125
74LVC2G3157 Dual single-pole, double-throw analog switch
1.65 - 5.5
CMOS/LVTTL
15
1.5
300
0.078
-54
-40 to
125
74LVC2G53
Single-pole, double-throw analog switch
1.65 - 5.5
CMOS/LVTTL
15
1.5
300
0.078
-40 to
125
74LVC2G66
Dual single-pole, single-throw analog switch
1.65 - 5.5
CMOS/LVTTL
15
1.5
440
0.005
-56
-40 to
125
74LVC4066
Quad single-pole, single-throw analog switch
1.65 - 5.5
CMOS/LVTTL
15
1.5
440
0.005
-58
-40 to
125
74LVCV2G66
Dual single-pole, single-throw analog switch; overvoltage tolerant
2.3 - 5.5
CMOS/LVTTL
15
3.0
210
0.01
-55
-40 to
125
HEF4016B
Quad single-pole, single-throw analog switch
3.0 - 15
CMOS
350
65
90
0.04
-50
-40 to 85
HEF4051B
Single-pole, octal-throw analog switch
3.0 - 15
CMOS
175
30
70
0.04
-50
-40 to 85
HEF4052B
Dual single-pole, quad-throw analog switch
3.0 - 15
CMOS
175
30
70
0.04
-50
-40 to 85
HEF4053B
Triple single-pole, double-throw analog switch
3.0 - 15
CMOS
175
30
70
0.04
-50
-40 to 85
HEF4066B
Quad single-pole, single-throw analog switch
3.0 - 15
CMOS
175
20
90
0.04
-50
-40 to 85
HEF4067B
Single-pole, 16-throw analog switch
3.0 - 15
CMOS
175
20
13
0.04
-50
-40 to 85
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com