Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 148 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 148 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 144Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 145Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 146Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 147Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 148Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 149Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 150Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 151Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 152Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 234 page
background image
Type
number
Description
V
CC (V)
Logic
switching
levels
R
ON (Ω)
R
ON(FLAT)
(Ω)
f(
-3dB)
(MHz)
T
HD (%)
X
talk
(dB)
T
amb (°C)
74AHC1G66
Single-pole, single-throw analog switch
2.0 - 5.5
CMOS
40
14
280
0.015
-40 to
125
74AHCT1G66
Single-pole, single-throw analog switch; TTL-enabled
4.5 - 5.5
TTL
40
14
280
0.015
-40 to
125
74HC1G66
Single-pole, single-throw analog switch
2.0 - 9.0
CMOS
105
23
200
0.02
-40 to
125
74HC2G66
Dual single-pole, single-throw analog switch
2.0 - 9.0
CMOS
105
23
200
0.02
-60
-40 to
125
74HC4016
Quad single-pole, single-throw analog switch
2.0 - 10
CMOS
300
80
160
0.4
-60
-40 to
125
74HC4051
Single-pole, octal-throw analog switch
2.0 - 10
CMOS
200
20
180
0.02
-40 to
125
74HC4052
Dual single-pole, quad-throw analog switch
2.0 - 10
CMOS
200
20
180
0.02
-60
-40 to
125
74HC4053
Triple single-pole, double-throw analog switch
2.0 - 10
CMOS
200
20
170
0.02
-40 to
125
74HC4066
Quad single-pole, single-throw analog switch
2.0 - 10
CMOS
105
23
200
0.02
-60
-40 to
125
74HC4067
Single-pole, 16-throw analog switch
2.0 - 10
CMOS
200
25
100
0.02
-40 to
125
74HC4316
Quad single-pole, single-throw analog switch with translation
2.0 - 10
CMOS
300
80
160
0.4
-60
-40 to
125
Type number
Description
V
CC(A) (V)
V
CC(B) (V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output
Load C
L
(pF)
Number
of bits
T
amb (°C)
74LV1T08
Single supply 2-input translating AND gate
1.6 - 5.5
n.a.
CMOS
±8
4.1
15
1
-40 to 125
74LV1T32
Single supply 2-input translating OR gate
1.6 - 5.5
n.a.
CMOS
±8
3.2
15
1
-40 to 125
74LV1T34
Single supply tanslating buffer
1.6 - 5.5
n.a.
CMOS
±8
3.1
15
1
-40 to 125
74LV1T86
Single supply 2-input translating XOR gate
1.6 - 5.5
n.a.
CMOS
±8
3.4
15
1
-40 to 125
74LV1T87
Single supply 2-input translating XNOR gate
1.6 - 5.5
n.a.
CMOS
±8
3.4
15
1
-40 to 125
74LV1T125
Single supply translating buffer / line driver
(3-state)
1.6 - 5.5
n.a.
CMOS
±8
3.2
15
1
-40 to 125
74LV1T126
Single supply translating buffer / line driver
(3-state)
1.6 - 5.5
n.a.
CMOS
±8
2.9
15
1
-40 to 125
74LVC1T45
Single dual-supply voltage-translating
transceiver (3-state)
1.2 - 5.5
1.2 - 5.5
CMOS/
LVTTL
±24
2.5
50
1
-40 to 125
74LVC2T45
Dual-bit dual-supply voltage-translating
transceiver (3-state)
1.2 - 5.5
1.2 - 5.5
CMOS/
LVTTL
±24
2.5
50
2
-40 to 125
74LVC4245
8-bit dual-supply voltage-translating
transceiver (3-state)
1.2 - 5.5
1.2 - 5.5
CMOS/
LVTTL
±24
3.5
50
8
-40 to 125
74LVC4245A
8-bit dual-supply voltage translating
transceiver (3-state)
1.2 - 5.5
1.2 - 5.5
CMOS/
LVTTL
±24
3.5
50
8
-40 to 125
74LVC8T245
8-bit dual-supply voltage-translating trans-
ceiver (3-state)
1.2 - 5.5
1.2 - 5.5
CMOS/
LVTTL
±24
3.5
50
8
-40 to 125
74LVC8T595
Dual supply 8-bit serial-in/serial-out or
parallel-out shift register; 3-state
1.1 - 5.5
1.1 - 5.5
CMOS/
LVTTL
±24
4.1
15
8
-40 to 125
74LVCH1T45
Single dual-supply voltage-translating
transceiver with bus hold (3-state)
1.2 - 5.5
1.2 - 5.5
CMOS/
LVTTL
±24
2.5
50
1
-40 to 125
74LVCH2T45
Dual-bit dual-supply voltage-translating
transceiver with bus hold (3-state)
1.2 - 5.5
1.2 - 5.5
CMOS/
LVTTL
±24
2.5
50
2
-40 to 125
74LVCH8T245
8-bit dual-supply voltage-translating
transceiver with bus hold (3-state)
1.2 - 5.5
1.2 - 5.5
CMOS/
LVTTL
±24
3.5
50
8
-40 to 125
HEF4104B
Quad low-to-high voltage translator
(3-state)
3.0 - 15
3.0 - 15
CMOS
±2.4
3.4
50
16
-40 to 85
LSF0108
8-bit bidIRectional translator; open-drain;
push-pull
0.95 - 5.0
0.95 - 5.0
CMOS
+64
1.5
30
8
-40 to 125
NXB0104
Dual supply translator; auto dIRection sens-
ing (3-state)
1.2 - 3.6
1.65 - 5.5
CMOS
± 0.02
4.9
15
4
-40 to 125
NXS0104
Dual supply translating transceiver; open
drain; autosense
1.65 - 3.6
2.3 - 5.5
CMOS
-0.02/+1
4.1
15
4
-40 to 125
Voltage translators (level-shifters)
Analog Switches
Asynchronous interface analog & logic ICs
Types in
bold represent new products
Nexperia selection guide 2020
148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com