Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7717MF/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMP7717MF/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MF/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP7717MF/NOPB Datasheet HTML 15Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 16Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 17Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 18Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 19Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 20Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 21Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 22Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
1 +
RF
RIN
¨
¨
©
§
1 +
RIN || RF
RC
¨
¨
©
§
= 18 dB = 7.9
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
(9)
Now set RF = RIN = R. With these values and solving for RC we have RC = R/5.9. Note that the value of C does
not affect the ratio between the resistors. Once the value of the resistors is set, then the position of the pole in F
must be set. A 2 k
Ω resistor is used for RF and RIN in this design. Therefore the value for RC is set at 330Ω, the
closest standard value for 2 k
Ω/5.9.
Rewriting Equation 2 to solve for the minimum capacitor value gives the following equation:
C = 1/(2
πfpRC)
(10)
The feedback factor curve, F, intersects the AVOL curve at about 12 MHz. Therefore the pole of F should not be
any larger than 1.2 MHz. Using this value and RC = 330Ω the minimum value for C is 390 pF. Figure 51 shows
that there is too much overshoot, but the part is stable. Increasing C to 2.2 nF did not improve the ringing, as
shown in Figure 52.
Figure 51. First Try at Compensation, Gain =
−1
Figure 52. C Increased to 2.2 nF, Gain =
−1
Some over-compensation appears to be needed for the desired overshoot characteristics. Instead of intersecting
the AVOL curve at 18 dB, 2 dB of over-compensation will be used, and the AVOL curve will be intersected at 20
dB. Using Equation 5 for 20 dB, or 10 V/V, the closest standard value of RC is 240Ω. The following two
waveforms show the new resistor value with C = 390 pF and 2.2 nF. Figure 54 shows the final compensation and
a very good response for the 1 MHz square wave.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com