Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7717MF/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMP7717MF/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MF/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP7717MF/NOPB Datasheet HTML 17Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 18Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 19Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 20Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 21Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 22Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 23Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 24Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
For large signal response the rise and fall times are dominated by the slew rate of the op amps. Even though
both parts are quite similar the LMP7717 will give rise and fall times about 2.5 times faster than the LMP7715.
This is possible because the LMP7717 is a decompensated op amp and even though it is being used at a gain of
−1, the speed is preserved by using a good technique for external compensation.
Non-Inverting Compensation
For the non-inverting amp the same theory applies for establishing the needed compensation. When setting the
inverting configuration for a gain of
−1, F has a value of 2. For the non-inverting configuration both F and the
actual gain are the same, making the non-inverting configuration more difficult to compensate. Using the same
circuit as shown in Figure 49, but setting up the circuit for non-inverting operation (gain of +2) results in similar
performance as the inverting configuration with the inputs set to half the amplitude to compensate for the
additional gain. Figure 56 below shows the results.
Figure 56. RC = 240Ω and C = 2.2 nF, Gain = +2
Figure 57. LMP7715 Response Gain = +2
The response shown in Figure 56 is close to the response shown in Figure 54. The part is actually slightly faster
in the non-inverting configuration. Decreasing the value of RC to around 200Ω can decrease the negative
overshoot but will have slightly longer rise and fall times. The other option is to add a small resistor in series with
the input signal. Figure 57 shows the performance of the LMP7715 with no compensation. Again the
decompensated parts are almost 2.5 times faster than the fully compensated op amp.
The most difficult op amp configuration to stabilize is the gain of +1. With proper compensation the
LMP7717/LMP7718 can be used in this configuration and still maintain higher speeds than the fully compensated
parts. Figure 58 shows the gain = 1, or the buffer configuration, for these parts.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com