Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7717MF/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMP7717MF/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MF/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7717MF/NOPB Datasheet HTML 6Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 7Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 8Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 9Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 10Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 11Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 12Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 13Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
0
1
2
3
4
5
0
5
10
15
20
25
30
VOUT (V)
125°C
25°C
-40°C
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
5
10
15
20
25
30
35
40
125°C
25°C
-40°C
RLOAD = 10 k:
1
2
3
4
5
6
0
5
10
15
20
25
30
35
V
+
(V)
25°C
125°C
-40°C
-40°C
0
1
2
3
4
5
0
10
20
30
40
50
60
70
VOUT (V)
125°C
25°C
1.5
2.5
3.5
4.5
5.5
6
-200
-150
-100
-50
0
50
200
VS (V)
100
150
-40°C
25°C
125°C
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
V
+
(V)
125°C
25°C
-40°C
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = 5V, V
S = V
+ - V−, V
CM = VS/2.
Offset Voltage
Sourcing Current
vs.
vs.
Supply Voltage
Supply Voltage
Figure 18.
Figure 19.
Sinking Current
Sourcing Current
vs.
vs.
Supply Voltage
Output Voltage
Figure 20.
Figure 21.
Sinking Current
Positive Output Swing
vs.
vs.
Output Voltage
Supply Voltage
Figure 22.
Figure 23.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com