Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7717MF/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LMP7717MF/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MF/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMP7717MF/NOPB Datasheet HTML 20Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 21Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 22Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 23Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 24Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 25Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 26Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 27Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
AF ´
¶P
=
´
¶ GBW
´
x
1 + sCFRF
1 + sRF (CF + CIN)
=
´
¶ GBW
´
x
1 + ¨
¨
©
§ C
FRF
CFRF
2
1 + ¨
¨
©
§ R
F (CF + CIN)
CFRF
2
= 1
GBW
A =
GBW
Z
Z
=
´
´
p =
1
1 + sCFRF
´
z =
1
1 + sRF (CF + CIN)
´
F =
1 + sCFRF
1 + sRF (CF + CIN)
-
+
CF
RF
IDIODE
VOUT
LMP7717
VA
CIN
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Figure 61 is the complete schematic for a transimpedance amplifier. Only the supply bypass capacitors are not
shown. CD represents the photodiode capacitance which is given on its datasheet. CCM is the input common
mode capacitance of the op amp and, for the LMP7717 it is shown in the last graph of the TYPICAL
PERFORMANCE CHARACTERISTICS section of this datasheet. In Figure 61 the inverting input pin of the
LMP7717 is kept at virtual ground. Even though the diode is connected to the 2.5V line, a power supply line is
AC ground, thus CD is connected to ground.
Figure 62 shows the schematic needed to derive F, the feedback factor, for a transimpedance amplifier. In
Figure 62, CD + CCM = CIN. Therefore it is critical that the designer knows the diode capacitance and the op amp
input capacitance. The photodiode is close to an ideal current source once its capacitance is included in the
model. What kind of circuit is this? Without CF there is only an input capacitor and a feedback resistor. This
circuit is a differentiator! Remember, differentiator circuits are inherently unstable and must be compensated. In
this case CF compensates the circuit.
Figure 62. Transimpedance Feedback Model
Using feedback theory, F = VA/VOUT, this becomes a voltage divider giving the following equation:
(12)
The noise gain is 1/F. Because this is a differentiator circuit, a zero must be inserted. The location of the zero is
given by:
(13)
CF has been added for stability. The addition of this part adds a pole to the circuit. The pole is located at:
(14)
To attain maximum bandwidth and still have good stability the pole is to be located on the open loop gain curve
which is A. If additional compensation is required one can always increase the value of CF, but this will also
reduce the bandwidth of the circuit. Therefore A = 1/F, or AF = 1. For A the equation is:
(15)
The expression fGBW is the gain bandwidth product of the part. For a unity gain stable part this is the frequency
where A = 1. For the LMP7717 fGBW = 88 MHz. Multiplying A and F results in the following equation:
(16)
24
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com