Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8557 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 3 Page - Texas Instruments

  LP8557 Datasheet HTML 1Page - Texas Instruments LP8557 Datasheet HTML 2Page - Texas Instruments LP8557 Datasheet HTML 3Page - Texas Instruments LP8557 Datasheet HTML 4Page - Texas Instruments LP8557 Datasheet HTML 5Page - Texas Instruments LP8557 Datasheet HTML 6Page - Texas Instruments LP8557 Datasheet HTML 7Page - Texas Instruments LP8557 Datasheet HTML 8Page - Texas Instruments LP8557 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
ISET
SCL
FSET
SDA
GND
GND
SW
SW
LED3
GND
SW
SW
LED2
FB
VDD
LED1
PWM
LED5
LED6
A
B
C
D
1
2
3
4
LED4
SW
GND
SW
FB
FSET
SDA
ISET
SCL
SW
GND
SW
PWM
VDD
LED3
LED2
LED6
LED5
GND
LED1
LED4
A
B
C
D
4
3
2
1
TOP VIEW
BOTTOM VIEW
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
5 Device Comparison Table
ORDERABLE
PACKAGE TOP
PACKAGE TYPE
DEVICE OPTION
PINS
PACKAGE QTY.
DEVICE
MARK
(DRAWING)
LP8557AYFQT
250
"PWM Only" - Recommended for
D40
systems without an I2C master
LP8557AYFQR
3000
DSBGA (YFQ)
16
LP8557IAYFQT
250
"PWM and I2C" - Recommended for
D41
systems with an I2C master
LP8557IAYFQR
3000
6 Pin Function and Configurations
YFQ Package
16-Pin DSBGA
Pin Functions
PIN
TYPE (1)
DESCRIPTION
NAME
NO.
FB
B3
A
Boost feedback pin. The FB and OVP circuitry monitors the voltage on this pin.
Dual function pin. When I2C is not used (for example, BRTMODE = 00b), this pin can be used to set
ƒSW and/or ƒPWM by connecting a resistor from this pin to a ground reference. When I
2C is used (for
FSET/SDA
A3
I/O
example, BRTMODE = 01, 10 or 11), connect this pin to an SDA line of an I2C bus. The LP8557
"PWM Only" device option uses this pin as an FSET pin. LP8557I "PWM and I2C" device option
uses this pin as an SDA pin.
GND
C2
G
Ground pin.
Dual function pin. When I2C is not used (for example, BRTMODE = 00b), this pin can be used to set
the full-scale LED current by connecting a resistor from the pin to a ground reference. When I2C is
ISET/SCL
A4
I
used (for example, BRTMODE =01, 10, or 11), connect this pin to an SCL line of an I2C bus. The
LP8557 "PWM Only" device option uses this pin as an ISET pin. LP8557I "PWM and I2C" device
option uses this pin as an SCL pin.
LED1
D4
A
LED driver – current sink terminal. If unused, this pin may be left floating.
LED2
C4
A
LED driver – current sink terminal. If unused, this pin may be left floating.
LED3
B4
A
LED driver – current sink terminal. If unused, this pin may be left floating.
LED4
D3
A
LED driver – current sink terminal. If unused, this pin may be left floating.
LED5
D2
A
LED driver – current sink terminal. If unused, this pin may be left floating.
LED6
D1
A
LED driver – current sink terminal. If unused, this pin may be left floating.
PWM
C3
I
PWM input pin.
SW
A1, B1
A
A connection to the drain terminal of the integrated power MOSFET.
SW_GND
A2, B2
G
A connection to the source terminal of the integrated power MOSFET.
VDD
C1
P
Device power supply pin.
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Digital Input Pin, I/O: Digital Input/Output Pin
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com