Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8557 Datasheet(PDF) 40 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 36Page - Texas Instruments LP8557 Datasheet HTML 37Page - Texas Instruments LP8557 Datasheet HTML 38Page - Texas Instruments LP8557 Datasheet HTML 39Page - Texas Instruments LP8557 Datasheet HTML 40Page - Texas Instruments LP8557 Datasheet HTML 41Page - Texas Instruments LP8557 Datasheet HTML 42Page - Texas Instruments LP8557 Datasheet HTML 43Page - Texas Instruments LP8557 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
11.1.2 Schottky Diode Placement
In the LP8557’s boost circuit the Schottky diode is in the path of the inductor current discharge. As a result the
Schottky diode sees a high-current step from 0 to IPEAK each time the switch turns off, and the diode turns on.
Any inductance in series with the diode can cause a voltage spike (VSPIKE = LP_ × dI/dt) at SW and OUT. This
can potentially over-voltage the SW pin, or feed through to VOUT and through the output capacitor, into GND.
Connecting the anode of the diode as close to the SW pin as possible, and connecting the cathode of the diode
as close to COUT+ as possible, reduces the inductance (LP_) and minimize these voltage spikes.
11.1.3 Inductor Placement
The node where the inductor connects to the LP8557 SW bump has 2 challenges. First, a large switched voltage
(0 to (VOUT + VF_SCHOTTKY)) appears on this node every switching cycle. This switched voltage can be capacitively
coupled into nearby nodes. Second, there is a relatively large current (input current) on the traces connecting the
input supply to the inductor and connecting the inductor to the SW bump. Any resistance in this path can cause
voltage drops that can negatively affect efficiency and reduce the input operating voltage range.
To reduce the capacitive coupling of the signal on SW into nearby traces, the SW bump-to-inductor connection
must be minimized in area. This limits the PCB capacitance from SW to other traces. Additionally, high-
impedance nodes that are more susceptible to electric field coupling need to be routed away from SW and not
directly adjacent or beneath. This is especially true for traces such as ISET/SCL, FSET/SDA, and PWM. A GND
plane placed directly below SW dramatically reduces the capacitance from SW into nearby traces.
Lastly, limit the trace resistance of the VBATT-to-inductor connection and from the inductor-to-SW connection, by
use of short, wide traces.
11.1.4 Boost Input and VDD Capacitor Placement
The LP8557 input capacitor filters the inductor current ripple and the internal MOSFET driver currents. The
inductor current ripple can add input voltage ripple due to any series resistance in the input power path. The
MOSFET driver currents can add voltage spikes on the input due to the inductance in series with the VIN/VDD
and the input capacitor. Close placement of the input capacitor to the VDD pin and to the GND pin is critical
because any series inductance between VIN/VDD and CIN+ or CIN– and GND can create voltage spikes that
could appear on the VIN/VDD supply line and GND.
Close placement of the input capacitor at the input side of the inductor is also critical. The source impedance
(inductance and resistance) from the input supply, along with the input capacitor of the LP8557, forms a series
RLC circuit. If the output resistance from the source (RS, Figure 49) is low enough, the circuit is underdamped
and has a resonant frequency (typically the case). Depending on the size of LS, the resonant frequency could
occur below, close to, or above the LP8557's switching frequency. This can cause the supply current ripple to be:
1. Approximately equal to the inductor current ripple when the resonant frequency occurs well above the
LP8557 switching frequency.
2. Greater than the inductor current ripple when the resonant frequency occurs near the switching frequency.
3. Less than the inductor current ripple when the resonant frequency occurs well below the switching frequency.
Figure 49 shows the series RLC circuit formed from the output impedance of the supply and the input
capacitor.
The circuit is redrawn for the AC case where the VIN supply is replaced with a short to GND and the LP8557 +
Inductor is replaced with a current source (
ΔIL). Equation 1 is the criteria for an under-damped response.
Equation 2 is the resonant frequency. Equation 3 is the approximated supply current ripple as a function of LS,
RS, and CIN.
As an example, consider a 3.8-V supply with 0.1-
Ω of series resistance connected to CIN (10 µF) through 50 nH
of connecting traces. This results in an under-damped input-filter circuit with a resonant frequency of 225 kHz.
Because both the 1-MHz and 500-kHz switching frequency options lie above the resonant frequency of the input
filter, the supply current ripple is probably smaller than the inductor current ripple. In this case, using Equation 3,
the supply current ripple can be approximated as 0.2 times the inductor current ripple (using a 500-kHz switching
frequency) and 0.051 times the inductor current ripple using a 1-MHz switching frequency.
40
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com