Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8557 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 8Page - Texas Instruments LP8557 Datasheet HTML 9Page - Texas Instruments LP8557 Datasheet HTML 10Page - Texas Instruments LP8557 Datasheet HTML 11Page - Texas Instruments LP8557 Datasheet HTML 12Page - Texas Instruments LP8557 Datasheet HTML 13Page - Texas Instruments LP8557 Datasheet HTML 14Page - Texas Instruments LP8557 Datasheet HTML 15Page - Texas Instruments LP8557 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Time
VBOOST
Driver
headroom
VBOOST
Light
Load
SW
R
R
OCP
R
S
R
6
+
-
+
-
Osc/
ramp
gm
-
+
VREF
FB
VFB
Startup
OVP
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
8.3 Feature Description
8.3.1 Boost Converter Overview
8.3.1.1 Operation
The boost DC-DC converter generates a 7-V to 28-V boost output voltage from a 2.7-V to 5.5-V boost input
voltage.
The converter is a magnetic switching PWM mode DC-DC inductive boost converter with a current limit. It uses
current programmed mode control, where the inductor current is measured and controlled with the feedback.
During start-up, the soft-start function reduces the peak inductor current. Figure 20 shows the boost block
diagram.
Figure 20. Boost Circuit Block Diagram
8.3.1.2 Adaptive Boost Output Voltage Control
The boost converter operates in adaptive boost control mode. In this mode, the voltage at the LED pins is
monitored by the control loop. It raises the boost voltage when the measured voltage of ANY of the LED strings
falls below the voltage threshold of its corresponding LOW comparator. If the headrooms of ALL of the LED
strings are above the voltage threshold of their corresponding MID comparator, then the boost voltage is
lowered.
Figure 21. Adaptive Headroom Detail
8.3.2 Brightness Control
The brightness can be controlled using an external PWM signal or the Brightness registers accessible via an I2C
interface or both. Which of these two input sources is selected is set by the BRTMODE bits. The LP8557
operates exclusively in BRTMODE = 00. While the LP8557I, by default, operates in BRTMODE = 11, it can
operate in all BRTMODE settings by configuring the bits via the I2C interface. How the brightness is controlled in
each of the four possible modes is described in the following sections.
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com