Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8557 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 2Page - Texas Instruments LP8557 Datasheet HTML 3Page - Texas Instruments LP8557 Datasheet HTML 4Page - Texas Instruments LP8557 Datasheet HTML 5Page - Texas Instruments LP8557 Datasheet HTML 6Page - Texas Instruments LP8557 Datasheet HTML 7Page - Texas Instruments LP8557 Datasheet HTML 8Page - Texas Instruments LP8557 Datasheet HTML 9Page - Texas Instruments LP8557 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
7.8 PWM Interface Characteristics (PWM Pin)
See
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒPWM
PWM frequency(2)
75
25000
Hz
tMIN_ON
Minimum pulse ON time(2)
1
µs
tMIN_OFF
Minimum pulse OFF time(2)
1
µs
Turnon delay from standby to backlight
PWM pin goes from low to
9
tON
ms
on(2)
switching.
Turnoff delay from backlight off to
PWM pin goes from switching to
52
tSTBY
ms
standby(2)
low.
ƒIN < 2.4 kHz
12
ƒIN < 4.8 kHz
11
PWMRES
PWM input resolution(2)
ƒIN < 9.6 kHz
10
bits
ƒIN < 19.5 kHz
9
ƒIN < 25 kHz
8
(1)
Minimum (Min) and Maximum (Max) limits are specified by design, test, or statistical analysis.
(2)
Verified by design and not tested in production.
7.9 Logic Interface Characteristics
(PWM, FSET/SDA, ISET/SCL Pins)
Limits apply over the full operating ambient temperature range –30°C
≤ TA ≤ 85°C
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input low level
0.4
V
VIH
Input high level
1.44
V
II
Input current
–1
1
µA
VOL
Output low level
ISDA = 3 mA
0.5
V
IO
Output leakage
VSDA = 2.8 V
1
µA
(1)
Minimum (Min) and Maximum (Max) limits are specified by design, test, or statistical analysis.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com