Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5036 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP5036
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5036 Datasheet HTML 12Page - Texas Instruments LP5036 Datasheet HTML 13Page - Texas Instruments LP5036 Datasheet HTML 14Page - Texas Instruments LP5036 Datasheet HTML 15Page - Texas Instruments LP5036 Datasheet HTML 16Page - Texas Instruments LP5036 Datasheet HTML 17Page - Texas Instruments LP5036 Datasheet HTML 18Page - Texas Instruments LP5036 Datasheet HTML 19Page - Texas Instruments LP5036 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Brightness
Bank Color-Mixing
Bank Brightness-Control
12 Bits / 29kHz PWM
12 Bits / 29kHz PWM
12 Bits / 29kHz PWM
Bank PWM Generators
Bank A:
Bank B:
Bank C:
16
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
Each channel can be configured as either independent control or bank control through the LEDx_Bank_EN
register. When LEDx_Bank_EN = 0 (default), the LED is controlled independently by the related color-mixing and
intensity-control registers. When LEDx_Bank_EN = 1, the LP503x device drives the LED in LED bank-control
mode. The LED bank has its own independent PWM control scheme, which is the same structure as the PWM
scheme of each channel. See Each Channel PWM Control for more details. When a channel configured as LED
bank-control mode, the related color mixing and intensity control is governed by the bank control registers
(BANK_A_COLOR, BANK_B_COLOR, BANK_C_COLOR, and BANK_BRIGHTNESS) regardless of the inputs
on its own color-mixing and intensity-control registers.
Figure 13. Bank PWM Control Scheme
Table 1. Bank Number and LED Number Assignment
OUT NUMBER
BANK NUMBER
RGB LED MODULE NUMBER
OUT0
Bank A
LED0
OUT1
Bank B
OUT2
Bank C
OUT3
Bank A
LED1
OUT4
Bank B
OUT5
Bank C
OUT6
Bank A
LED2
OUT7
Bank B
OUT8
Bank C
OUT9
Bank A
LED3
OUT10
Bank B
OUT11
Bank C
OUT12
Bank A
LED4
OUT13
Bank B
OUT14
Bank C
OUT15
Bank A
LED5
OUT16
Bank B
OUT17
Bank C
OUT18
Bank A
LED6
OUT19
Bank B
OUT20
Bank C
OUT21
Bank A
LED7
OUT22
Bank B
OUT23
Bank C
OUT24
Bank A
LED8
OUT25
Bank B
OUT26
Bank C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com